Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5304 Datasheet (PDF) - Maxim Integrated Products

MAX5304 Datasheet PDF - Maxim Integrated Products
Part # MAX5304
Download  MAX5304 Download
File Size   405.9 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit Voltage-Output DAC in 8-Pin 關MAX

MAX5304 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5304 Datasheet PDF - Maxim Integrated Products

Part # MAX5304
Download  MAX5304 Click to download

File Size   405.9 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit Voltage-Output DAC in 8-Pin 關MAX

MAX5304 Datasheet (HTML) - Maxim Integrated Products


MAX5304 Product details

General Description
The MAX5304 combines a low-power, voltage-output, 10-bit digital-to-analog converter (DAC) and a precision output amplifier in an 8-pin µMAX package. It operates from a single +5V supply, drawing less than 280µA of supply current.

Features
♦ 10-Bit DAC with Configurable Output Amplifier
♦ +5V Single-Supply Operation
♦ Low Supply Current
   0.28mA Normal Operation
   2µA Shutdown Mode
♦ Available in 8-Pin µMAX
♦ Power-On Reset Clears DAC Output to Zero
♦ SPI/QSPI/MICROWIRE Compatible
♦ Schmitt-Trigger Digital Inputs for Direct
   Optocoupler Interface

Applications
   Digital Offset and Gain Adjustment
   Industrial Process Control
   Microprocessor-Controlled Systems
   Portable Test Instruments
   Remote Industrial Control




Similar Part No. - MAX5304

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5302CUA MAXIM-MAX5302CUA Datasheet
696Kb / 12P
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5302EUA MAXIM-MAX5302EUA Datasheet
696Kb / 12P
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5306 MAXIM-MAX5306 Datasheet
99Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A March 30, 2004
More results


Similar Description - MAX5304

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
Quad 8-Bit Serial Input Voltage Output DAC
logo
Linear Technology
LTC1257 LINER-LTC1257 Datasheet
260Kb / 12P
Complete Single Supply 12-Bit Voltage Output DAC in SO-8
logo
Maxim Integrated Produc...
MAX522 MAXIM-MAX522 Datasheet
116Kb / 12P
Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
Rev 0; 6/95
MAX5354 MAXIM-MAX5354 Datasheet
196Kb / 16P
10-Bit Voltage-Output DACs in 8-Pin 關MAX
Rev 1; 2/97
MAX5222 MAXIM-MAX5222 Datasheet
527Kb / 12P
Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SOT23
19-1720; Rev 0; 4/00
MAX5223 MAXIM-MAX5223 Datasheet
222Kb / 11P
Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23
Rev 0; 1/01
logo
Linear Technology
LTC1257 LINER-LTC1257_01 Datasheet
141Kb / 12P
Complete Single Supply 12-Bit Voltage Output DAC in SO-8
logo
Maxim Integrated Produc...
MAX550B MAXIM-MAX550B Datasheet
106Kb / 12P
Low-Power, 2.5V to 5.5V, 8-Bit Voltage-Output DAC in 關MAX
Rev 0; 9/96
logo
Linear Technology
LTC1257 LINER-LTC1257_15 Datasheet
206Kb / 12P
Complete Single Supply 12-Bit Voltage Output DAC in SO-8
logo
Analog Devices
LTC2686 AD-LTC2686 Datasheet
2Mb / 43P
8-Channel, 16-Bit Voltage Output SoftSpan DAC
11/2021-Revision 0
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com