Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX550B Datasheet (PDF) - Maxim Integrated Products

MAX550B Datasheet PDF - Maxim Integrated Products
Part # MAX550B
Download  MAX550B Download
File Size   106.06 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, 2.5V to 5.5V, 8-Bit Voltage-Output DAC in 關MAX

MAX550B Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX550B Datasheet PDF - Maxim Integrated Products

Part # MAX550B
Download  MAX550B Click to download

File Size   106.06 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, 2.5V to 5.5V, 8-Bit Voltage-Output DAC in 關MAX

MAX550B Datasheet (HTML) - Maxim Integrated Products


MAX550B Product details

General Description
The MAX550B serial, 8-bit, voltage-output, digital-toanalog converter (DAC) operates on a single +2.5V to +5.5V supply. Its ±1LSB TUE specification is guaranteed over temperature. Operating current (supply current plus reference current) is typically 75µA with VDD = 2.5V and less than 1µA in shutdown mode. The reference input is disconnected from the REF pin during shutdown.

Features
♦ +2.5V to +5.5V Single-Supply Operation
♦ ±1LSB (max) TUE
♦ Low 75µA Operating Current (VDD = +2.5V)
♦ 1µA Shutdown Mode
♦ µMAX Package—50% Smaller than 8-Pin SO
♦ 10MHz, 3-Wire Serial Interface
♦ Internal Power-On Reset Clears All Registers to Zero

Applications
    VCXO Control
    Comparator Level Settings
    GaAs Amp Bias Control
    Digital Gain and Offset Control




Similar Part No. - MAX550B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500 Datasheet
289Kb / 15P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5500AGAP+ MAXIM-MAX5500AGAP+ Datasheet
219Kb / 14P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500AGAP+ MAXIM-MAX5500AGAP+ Datasheet
289Kb / 15P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5500BGAP+ MAXIM-MAX5500BGAP+ Datasheet
219Kb / 14P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
More results


Similar Description - MAX550B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5100 MAXIM-MAX5100 Datasheet
401Kb / 8P
2.7V to 5.5V, Low-Power, Quad, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5101 MAXIM-MAX5101 Datasheet
429Kb / 8P
2.7V to 5.5V, Low-Power, Triple, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5102 MAXIM-MAX5102 Datasheet
454Kb / 8P
2.7V to 5.5V, Low-Power, Dual, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5304 MAXIM-MAX5304 Datasheet
405Kb / 12P
10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
MAX5354 MAXIM-MAX5354 Datasheet
196Kb / 16P
10-Bit Voltage-Output DACs in 8-Pin 關MAX
Rev 1; 2/97
MAX548A MAXIM-MAX548A Datasheet
172Kb / 16P
2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
MAX5712 MAXIM-MAX5712 Datasheet
428Kb / 9P
12-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23
Rev 1; 10/01
MAX5510 MAXIM-MAX5510 Datasheet
1,012Kb / 18P
1.8V to 5.5V, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
Rev 0; 1/04
MAX5223 MAXIM-MAX5223 Datasheet
222Kb / 11P
Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23
Rev 0; 1/01
MAX38889AEVKIT MAXIM-MAX38889AEVKIT Datasheet
602Kb / 9P
2.5V to 5.5V System Output Voltage Range
Rev 0; 4/21
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com