Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX548A Datasheet (PDF) - Maxim Integrated Products

MAX548A Datasheet PDF - Maxim Integrated Products
Part # MAX548A
Download  MAX548A Download
File Size   172.76 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package

MAX548A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX548A Datasheet PDF - Maxim Integrated Products

Part # MAX548A
Download  MAX548A Click to download

File Size   172.76 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package

MAX548A Datasheet (HTML) - Maxim Integrated Products


MAX548A Product details

General Description

The MAX548A/MAX549A/MAX550A serial, 8-bit voltage output digital-to-analog converters (DACs) operate from a single +2.5V to +5.5V supply. Their ±1LSB TUE specification is guaranteed over temperature. Operating current (supply current plus reference current) is typically 75µA per DAC with VDD= 2.5V. In shutdown, the DAC is disconnected from the reference, reducing current

drain to less than 1µA. The MAX548A/MAX549A allow each DAC to be shut down independently.



Features

♦ +2.5V to +5.5V Single-Supply Operation

♦ ±1LSB (max) TUE

♦ Power-On Reset Clears All Registers to Zero

♦ Low Operating Current:

  150µA (MAX548A/MAX549A, VREF= +2.5V)

  75µA (MAX550A, VREF= +2.5V)

♦ 1µA Shutdown Mode

♦ 10MHz, 3-Wire Serial Interface Compatible with SPI/QSPI and Microwire

♦µMAX Package—50% Smaller than 8-Pin SO

♦ Independent Shutdown of DACs (MAX548A/MAX549A)



Applications

    Battery-Powered Systems

    VCXO Control

    Comparator-Level Settings

    GaAs Amp Bias Control

    Digital Gain and Offset Control




Similar Part No. - MAX548A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5480 MAXIM-MAX5480 Datasheet
64Kb / 6P
8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
MAX5480ACEE MAXIM-MAX5480ACEE Datasheet
64Kb / 6P
8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
MAX5480AEEE MAXIM-MAX5480AEEE Datasheet
64Kb / 6P
8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
MAX5480BCEE MAXIM-MAX5480BCEE Datasheet
64Kb / 6P
8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
MAX5480BEEE MAXIM-MAX5480BEEE Datasheet
64Kb / 6P
8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
More results


Similar Description - MAX548A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5304 MAXIM-MAX5304 Datasheet
405Kb / 12P
10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
MAX5354 MAXIM-MAX5354 Datasheet
196Kb / 16P
10-Bit Voltage-Output DACs in 8-Pin 關MAX
Rev 1; 2/97
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5510 MAXIM-MAX5510 Datasheet
1,012Kb / 18P
1.8V to 5.5V, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
Rev 0; 1/04
MAX550B MAXIM-MAX550B Datasheet
106Kb / 12P
Low-Power, 2.5V to 5.5V, 8-Bit Voltage-Output DAC in 關MAX
Rev 0; 9/96
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Maxim Integrated Produc...
MAX5523EUA MAXIM-MAX5523EUA Datasheet
1Mb / 23P
Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com