Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5354 Datasheet (PDF) - Maxim Integrated Products

MAX5354 Datasheet PDF - Maxim Integrated Products
Part # MAX5354
Download  MAX5354 Download
File Size   196.21 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit Voltage-Output DACs in 8-Pin 關MAX

MAX5354 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5354 Datasheet PDF - Maxim Integrated Products

Part # MAX5354
Download  MAX5354 Click to download

File Size   196.21 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit Voltage-Output DACs in 8-Pin 關MAX

MAX5354 Datasheet (HTML) - Maxim Integrated Products


MAX5354 Product details

General Description

The MAX5354/MAX5355 combine a low-power, voltage output, 10-bit digital-to-analog converter (DAC) and a

precision output amplifier in an 8-pin µMAX or DIP package. The MAX5354 operates from a single +5V supply,

and the MAX5355 operates from a single +3.3V supply. Both devices draw less than 280µA of supply current.



Features

♦10-Bit DAC with Configurable Output Amplifier

♦+5V Single-Supply Operation (MAX5354)

 +3.3V Single-Supply Operation (MAX5355)

♦Low Supply Current: 0.28mA Normal Operation 2µA Shutdown Mode

♦Available in 8-Pin µMAX

♦Power-On Reset Clears DAC Output to Zero

♦SPI/QSPI and Microwire Compatible

♦Schmitt-Trigger Digital Inputs for Direct Optocoupler Interface

♦+3.3V MAX5355 Directly Interfaces with +5V Logic



Applications

Digital Offset and Gain Adjustment

Industrial Process Controls

Microprocessor-Controlled Systems

Portable Test Instruments

Remote Industrial Controls




Similar Part No. - MAX5354

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351ACPA MAXIM-MAX5351ACPA Datasheet
144Kb / 16P
Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351ACUA MAXIM-MAX5351ACUA Datasheet
144Kb / 16P
Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351AEPA MAXIM-MAX5351AEPA Datasheet
144Kb / 16P
Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351AEUA MAXIM-MAX5351AEUA Datasheet
144Kb / 16P
Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
More results


Similar Description - MAX5354

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5187 MAXIM-MAX5187 Datasheet
226Kb / 16P
8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5304 MAXIM-MAX5304 Datasheet
405Kb / 12P
10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
MAX548A MAXIM-MAX548A Datasheet
172Kb / 16P
2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
MAX551 MAXIM-MAX551 Datasheet
99Kb / 12P
3V/5V, 12-Bit, Serial, Multiplying DACs in 10-Pin 關MAX Package
logo
IC MICROSYSTEMS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Maxim Integrated Produc...
MAX5181 MAXIM-MAX5181_10 Datasheet
221Kb / 16P
10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
6/2016-Rev. B to Rev. C
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com