Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX551 Datasheet (PDF) - Maxim Integrated Products

MAX551 Datasheet PDF - Maxim Integrated Products
Part # MAX551
Download  MAX551 Download
File Size   99.5 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V/5V, 12-Bit, Serial, Multiplying DACs in 10-Pin 關MAX Package

MAX551 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX551 Datasheet PDF - Maxim Integrated Products

Part # MAX551
Download  MAX551 Click to download

File Size   99.5 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V/5V, 12-Bit, Serial, Multiplying DACs in 10-Pin 關MAX Package

MAX551 Datasheet (HTML) - Maxim Integrated Products


MAX551 Product details

General Description
The MAX551/MAX552 are 12-bit, current-output, 4-quadrant multiplying digital-to-analog converters (DACs). These devices are capable of providing unipolar or bipolar outputs when operating from either a single +5V (MAX551) or +3V (MAX552) power supply. An internal power-on-reset circuit clears all DAC registers on power-up, setting the DAC output voltage to 0V.

Features
♦ Single-Supply Operation:
    +4.5V to +5.25V (MAX551)
    +2.7V to +3.6V (MAX552)
♦ 12.5MHz 3-Wire Serial Interface
♦ SPI/QSPI and MICROWIRE Compatible
♦ Power-On Reset Clears DAC Output to Zero
♦ Asynchronous Clear Input Clears DAC Output to Zero
♦ Voltage Mode or Bipolar Mode Operation with a Single Power Supply
♦ Schmitt-Trigger Digital Inputs for Direct Optocoupler Interface
♦ 0.4µA Supply Current
♦ 10-Pin µMAX Package

Applications
    Automatic Calibration
    Gain Adjustment
    Transducer Drivers
    Process-Control I/O Boards
    Digitally Controlled Filters
    Motion-Controlled Systems
    µP-Controlled Systems
    Programmable Amplifiers/Attenuators




Similar Part No. - MAX551

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5510 MAXIM-MAX5510 Datasheet
1,012Kb / 18P
1.8V to 5.5V, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
Rev 0; 1/04
MAX5510 MAXIM-MAX5510 Datasheet
446Kb / 10P
MAX5535 Evaluation Kit
Rev 1; 4/08
MAX5510ETC MAXIM-MAX5510ETC Datasheet
1,012Kb / 18P
1.8V to 5.5V, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
Rev 0; 1/04
MAX5511 MAXIM-MAX5511 Datasheet
446Kb / 10P
MAX5535 Evaluation Kit
Rev 1; 4/08
MAX5511ETC MAXIM-MAX5511ETC Datasheet
1,012Kb / 18P
1.8V to 5.5V, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
Rev 0; 1/04
More results


Similar Description - MAX551

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7543 LINER-LTC7543 Datasheet
217Kb / 8P
Improved Industry Standard Serial 12-Bit Multiplying DACs
logo
Maxim Integrated Produc...
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5354 MAXIM-MAX5354 Datasheet
196Kb / 16P
10-Bit Voltage-Output DACs in 8-Pin 關MAX
Rev 1; 2/97
logo
Analog Devices
AD5426 AD-AD5426 Datasheet
553Kb / 24P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV.0
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
logo
Linear Technology
LTC7543 LINER-LTC7543_15 Datasheet
202Kb / 8P
Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC8143 LINER-LTC8143_15 Datasheet
202Kb / 8P
Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com