Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX522 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX522
Description  Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX522 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX522 Datasheet HTML 1Page - Maxim Integrated Products MAX522 Datasheet HTML 2Page - Maxim Integrated Products MAX522 Datasheet HTML 3Page - Maxim Integrated Products MAX522 Datasheet HTML 4Page - Maxim Integrated Products MAX522 Datasheet HTML 5Page - Maxim Integrated Products MAX522 Datasheet HTML 6Page - Maxim Integrated Products MAX522 Datasheet HTML 7Page - Maxim Integrated Products MAX522 Datasheet HTML 8Page - Maxim Integrated Products MAX522 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
0
0.5
-60
80
120 140
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
1.0
1.5
4.0
4.5
TEMPERATURE (°C)
40
3.0
2.5
2.0
-40
0
100
60
-20
20
3.5
REF = VDD = 5V
ALL LOGIC INPUTS = 5V
ALL DACs SET TO ALL 1s
0.01
10
1
1000
0.1
100
REFERENCE FEEDTHROUGH
vs. FREQUENCY
-100
FREQUENCY (kHz)
-60
-20
-120
-80
-40
0
DAC A, B
VDD = 3V
VREF = 0V TO 2.9V SINE WAVE
NO LOAD
CODE = ALL 0s
0.001
1
1000
0.1
100
0.01
10
REFERENCE LARGE-SIGNAL
FREQUENCY RESPONSE
-20
FREQUENCY (kHz)
-10
0
-25
-15
-5
5
VDD = 3V
VREF = 0V TO VDD SINE WAVE
Dual, 8-Bit, Voltage-Output
Serial DAC in 8-Pin SO Package
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0.0001
0.1
100
0.01
10
0.001
1
OUTPUT VOLTAGE vs.
OUTPUT SOURCE CURRENT (VDD = 3V)
0.5
OUTPUT SOURCE CURRENT (mA)
1.5
2.5
3.5
0
1.0
2.0
3.0
DAC A
DAC B
REF = VDD = 3V
CODE = ALL 1s
0
-35
0
192 224 255
TOTAL UNADJUSTED ERROR
vs. DIGITAL CODE
-30
-10
-5
DIGITAL CODE
96
128
160
-20
-25
32
64
-15
REF = VDD = 3V
DAC A LOADED WITH 5mA
DAC B LOADED WITH 0.5mA
0.0001
0.1
100
0.01
10
0.001
1
OUTPUT VOLTAGE vs.
OUTPUT SOURCE CURRENT (VDD = 5V)
3.8
OUTPUT SOURCE CURRENT (mA)
4.2
4.6
5.0
5.2
4.0
4.4
4.8
DAC A
DAC B
REF = VDD = 5V
CODE = ALL 1s
0.0001
0.1
100
0.01
10
0.001
1
OUTPUT VOLTAGE vs.
OUTPUT SINK CURRENT
100
OUTPUT SINK CURRENT (mA)
300
500
700
800
900
0
200
400
600
DAC A
DAC B
REF = VDD = 3V
CODE = ALL 1s
1.2
0.5
2.5
4.5
5.0
5.5
POSITIVE SUPPLY CURRENT
vs. SUPPLY VOLTAGE
0.6
1.0
1.1
1.5
1.3
1.4
VDD (V)
4.0
0.8
0.7
3.0
3.5
0.9
REF = VDD
ALL LOGIC INPUTS GROUNDED
1.340
-60
80
120 140
POSITIVE SUPPLY CURRENT
vs. TEMPERATURE
1.345
1.365
1.370
TEMPERATURE (°C)
40
1.355
1.350
-40
0
100
60
-20
20
1.360
REF = VDD = 5V
ALL LOGIC INPUTS = 5V
ALL DACs SET TO ALL 1s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com