Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX522 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX522
Description  Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX522 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX522 Datasheet HTML 1Page - Maxim Integrated Products MAX522 Datasheet HTML 2Page - Maxim Integrated Products MAX522 Datasheet HTML 3Page - Maxim Integrated Products MAX522 Datasheet HTML 4Page - Maxim Integrated Products MAX522 Datasheet HTML 5Page - Maxim Integrated Products MAX522 Datasheet HTML 6Page - Maxim Integrated Products MAX522 Datasheet HTML 7Page - Maxim Integrated Products MAX522 Datasheet HTML 8Page - Maxim Integrated Products MAX522 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Dual, 8-Bit, Voltage-Output
Serial DAC in 8-Pin SO Package
_______________________________________________________________________________________
5
100k
10k
1k
0.1k
1M
10M
REFERENCE SMALL-SIGNAL
FREQUENCY RESPONSE
-80
FREQUENCY (Hz)
-40
0
-60
-20
DAC A
DAC B
VDD = 3V
VREF = 1.5V DC WITH ±40mVP-P
SINE WAVE SUPERIMPOSED
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
3.14V
LINE-TRANSIENT RESPONSE (OUTA)
2.86V
20
µs/div
A : VDD, 100mV/div
B : OUTA, 500
µV/div
REF = 2.56V, NO LOAD, CODE = ALL 1s
A
B
CLOCK FEEDTHROUGH (OUTA)
B
1
µs/div
A
A: SCLK, 333kHz, 0V TO 2.9V, 2V/div
B: OUTA, 2mV/div
CS = HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com