Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX522 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX522
Description  Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX522 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX522 Datasheet HTML 2Page - Maxim Integrated Products MAX522 Datasheet HTML 3Page - Maxim Integrated Products MAX522 Datasheet HTML 4Page - Maxim Integrated Products MAX522 Datasheet HTML 5Page - Maxim Integrated Products MAX522 Datasheet HTML 6Page - Maxim Integrated Products MAX522 Datasheet HTML 7Page - Maxim Integrated Products MAX522 Datasheet HTML 8Page - Maxim Integrated Products MAX522 Datasheet HTML 9Page - Maxim Integrated Products MAX522 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Dual, 8-Bit, Voltage-Output
Serial DAC in 8-Pin SO Package
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted).
A
POSITIVE SETTLING TIME (DAC A)
20
µs/div
VDD = 3V, REF = VDD, RL = 1k Ω, CL = 0.1µF,
ALL BITS OFF TO ALL BITS ON
B
A: CS, 2V/div
B: OUTA, 20mV/div
A
POSITIVE SETTLING TIME (DAC B)
20
µs/div
VDD = 3V, REF = VDD, RL = 10k Ω, CL = 0.01µF,
ALL BITS OFF TO ALL BITS ON
B
A: CS, 2V/div
B: OUTB, 20mV/div
A
TIME EXITING SHUTDOWN MODE
20
µs/div
VDD = 3V, REF = VDD, RL = 1k Ω, CL = 0.1µF,
DAC LOADED WITH ALL 1s
B
A: CS, 2V/div
B: OUTA, 1V/div
OUTA
200
µV/div
OUTPUT VOLTAGE NOISE (DC TO 1MHz)
2ms/div
DIGITAL CODE = 80, REF = VDD, NO LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com