Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX522 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX522
Description  Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX522 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX522 Datasheet HTML 1Page - Maxim Integrated Products MAX522 Datasheet HTML 2Page - Maxim Integrated Products MAX522 Datasheet HTML 3Page - Maxim Integrated Products MAX522 Datasheet HTML 4Page - Maxim Integrated Products MAX522 Datasheet HTML 5Page - Maxim Integrated Products MAX522 Datasheet HTML 6Page - Maxim Integrated Products MAX522 Datasheet HTML 7Page - Maxim Integrated Products MAX522 Datasheet HTML 8Page - Maxim Integrated Products MAX522 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Dual, 8-Bit, Voltage-Output
Serial DAC in 8-Pin SO Package
_______________________________________________________________________________________
3
Note 2: Reduced digital code range (code 24 through code 232) is due to swing limitations of the output amplifiers. See
Typical
Operating Characteristics.
Note 3: Reference input resistance is code dependent. The lowest input resistance occurs at code 55hex. Refer to the
Reference
Input section in the Detailed Description.
Note 4: Guaranteed by design. Not production tested.
Note 5: Input capacitance is code dependent. The highest capacitance occurs at code 00hex.
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.5V, REF = VDD, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Voltage-Output Slew Rate
SR
CL = 0.1µF (DAC A), CL = 0.01µF (DAC B)
0.1
V/µs
70
Voltage-Output Settling Time
To ±1⁄2LSB
µs
Digital Feedthrough
and Crosstalk
All 0s to all 1s
10
nV-s
Supply Voltage Range
VDD
2.7
5.5
V
Shutdown Supply Current
VDD = 5.5V
0.1
µA
CL = 0.1µF (DAC A)
CL = 0.01µF (DAC B)
70
Supply Current
IDD
All inputs = 0V
1.3
2.8
mA
0.9
2.5
DYNAMIC PERFORMANCE
POWER SUPPLIES
VDD = 5.5V
VDD = 3.6V
TIMING CHARACTERISTICS (Note 4)
(VDD = +2.7V to +5.5V, TA = TMIN to TMAX, unless otherwise noted.)
CONDITIONS
ns
200
tCSPWH
–
C
—
S
–
Pulse Width High
ns
100
tCL
SCLK Pulse Width Low
ns
100
tCH
SCLK Pulse Width High
ns
50
tDH
DIN to SCLK Rise Hold Time
ns
50
tDS
DIN to SCLK Rise Setup Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ns
150
tCSS
–
C
—
S
–
Fall to SCLK Rise Setup Time
ns
150
tCSH
SCLK Rise to
–
C
—
S
–
Rise Setup Time
SERIAL INTERFACE TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com