Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3157 Datasheet (PDF) - Maxim Integrated Products

MAX3157 Datasheet PDF - Maxim Integrated Products
Part # MAX3157
Download  MAX3157 Download
File Size   307.16 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High CMRR RS-485 Transceiver with 짹50V Isolation

MAX3157 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3157 Datasheet PDF - Maxim Integrated Products

Part # MAX3157
Download  MAX3157 Click to download

File Size   307.16 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High CMRR RS-485 Transceiver with 짹50V Isolation

MAX3157 Datasheet (HTML) - Maxim Integrated Products


MAX3157 Product details

General Description
The MAX3157 is a high CMRR RS-485/RS-422 data-communications interface providing ±50V isolation in a hybrid microcircuit. A single +5V supply on the logic side powers both sides of the interface, with external ±50V capacitors transferring power from the logic side to the isolated side. Each MAX3157 contains one transmitter and one receiver and is guaranteed to operate at data rates up to 250kbps. Drivers are short-circuit current limited and protected against excessive power dissipation by thermal shutdown circuitry that places the driver outputs into a high-impedance state. The receiver input has a fail-safe feature that guarantees a logic high receiver output if the inputs are open, shorted, or connected to a terminated transmission line with all drivers disabled.

Features
♦ ±50V Isolated Data Interface
♦ +5V Single Supply
♦ Low-Cost Replacement for Opto-Isolated Transceivers
♦ True Fail-Safe Receiver While Maintaining EIA/TIA-485 Compliance
♦ Pin-Selectable Full/Half-Duplex Operation
♦ Phase Controls to Correct for Twisted-Pair Reversal
♦ 25µA Low-Power Shutdown Mode
♦ Thermal Shutdown for Driver Overload Protection
♦ 28-Pin SSOP Package
♦ Slew Rate Limited Reduced EMI




Similar Part No. - MAX3157

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3158 MAXIM-MAX3158 Datasheet
305Kb / 14P
High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
MAX3158CAI MAXIM-MAX3158CAI Datasheet
305Kb / 14P
High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
MAX3158CPI MAXIM-MAX3158CPI Datasheet
305Kb / 14P
High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
MAX3158EAI MAXIM-MAX3158EAI Datasheet
305Kb / 14P
High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
MAX3158EPI MAXIM-MAX3158EPI Datasheet
305Kb / 14P
High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
More results


Similar Description - MAX3157

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
RS-485 TRANSCEIVER
logo
Sipex Corporation
SP481R SIPEX-SP481R Datasheet
83Kb / 9P
High-Fanout RS-485 Transceiver
logo
Maxim Integrated Produc...
MAX3158 MAXIM-MAX3158 Datasheet
305Kb / 14P
High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
Robust RS-485 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
Isolated RS-485 Transceiver
REV. C
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP3485 LEIDITECH-SP3485 Datasheet
2Mb / 9P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com