Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP481R Datasheet (PDF) - Sipex Corporation

SP481R Datasheet PDF - Sipex Corporation
Part # SP481R
Download  SP481R Download
File Size   83.4 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High-Fanout RS-485 Transceiver

SP481R Datasheet (PDF)

Go To PDF Page Download Datasheet
SP481R Datasheet PDF - Sipex Corporation

Part # SP481R
Download  SP481R Click to download

File Size   83.4 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High-Fanout RS-485 Transceiver

SP481R Datasheet (HTML) - Sipex Corporation


SP481R Product details

DESCRIPTION
The SP481R and SP485R are pin-to-pin equivalent with our existing SP485 product and contain enhancements such as higher ESD tolerance and high receiver input impedance. The higher receiver input impedance allows for connecting over 400 transceivers on a single transmission line without degrading the RS-485 driver signal. Each device is packaged in an 8-pin plastic DIP or 8-pin narrow SOIC package. The SP481R offers a shutdown feature via the enable pins which will reduce the supply current (ICC) below 0.5µA typical.

FEATURES
■ Allows Over 400 Transceivers On A Transmission Line (1/10th Unit Load)
■ High Impedance on Receiver Inputs (RIN = 150kΩ typical)
■ Half-Duplex Configuration Consistent With Industry Standard Pinout
■ –7V to +12V Common Mode Input Voltage Range
■ Includes Shutdown Mode (ICC < 10µA) (For SP481R Only)
■ Low Power Consumption (250mW)
■ Separate Driver and Receiver Enable




Similar Part No. - SP481R

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP481R SIPEX-SP481R Datasheet
74Kb / 9P
1/10th Unit Load RS-485 Transceiver
SP481RCN SIPEX-SP481RCN Datasheet
74Kb / 9P
1/10th Unit Load RS-485 Transceiver
SP481RCN/TR SIPEX-SP481RCN/TR Datasheet
74Kb / 9P
1/10th Unit Load RS-485 Transceiver
SP481RCP SIPEX-SP481RCP Datasheet
74Kb / 9P
1/10th Unit Load RS-485 Transceiver
SP481REN SIPEX-SP481REN Datasheet
74Kb / 9P
1/10th Unit Load RS-485 Transceiver
More results


Similar Description - SP481R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
RS-485 TRANSCEIVER
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770E MAXIM-MAX14770E_10 Datasheet
1Mb / 16P
High-ESD Profibus RS-485 Transceiver
Rev 1; 4/10
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
Robust RS-485 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
Isolated RS-485 Transceiver
REV. C
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP3485 LEIDITECH-SP3485 Datasheet
2Mb / 9P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP485 LEIDITECH-SP485 Datasheet
2Mb / 10P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com