Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP481R Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP481R
Description  High-Fanout RS-485 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP481R Datasheet(HTML) 2 Page - Sipex Corporation

  SP481R Datasheet HTML 1Page - Sipex Corporation SP481R Datasheet HTML 2Page - Sipex Corporation SP481R Datasheet HTML 3Page - Sipex Corporation SP481R Datasheet HTML 4Page - Sipex Corporation SP481R Datasheet HTML 5Page - Sipex Corporation SP481R Datasheet HTML 6Page - Sipex Corporation SP481R Datasheet HTML 7Page - Sipex Corporation SP481R Datasheet HTML 8Page - Sipex Corporation SP481R Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Date: 6/21/04
SP485R RS-485 Serial Transceiver
© Copyright 2004 Sipex Corporation
2
Typically 25°C @ Vcc = +5V unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS
LOGIC INPUTS
V
IL
0.8
Volts
V
IH
2.0
Volts
LOGIC OUTPUTS
V
OL
0.4
Volts
I
OUT= -3.2mA
V
OH
2.4
Volts
I
OUT= 1.0mA
RS-485 DRIVER
DC Characteristics
TTL Input Levels
V
IL
0.8
Volts
V
IH
2.0
Volts
Outputs
Open Circuit Voltage
6.0
Volts
Differential Output
1.5
5.0
Volts
R
L=54Ω, CL=50pF
Balance
±0.2
Volts
|V
T| - |VT|
Common-Mode Output
3.0
Volts
Output Current
28.0
mA
R
L=54Ω
Short Circuit Current
±250
mA
Terminated in –7V to +12V
AC Characteristics
Maximum Data Rate
5
Mbps
R
L=54Ω
Output Transition Time
30
ns
Rise/fall time, 10%–90%
Propagation Delay
See Figures 3 and 5
t
PHL
60
100
ns
R
DIFF=54Ω, CL1=CL2=100pF
t
PLH
60
100
ns
R
DIFF=54Ω, CL1=CL2=100pF
Driver Output Skew
5
15
ns
see Figure 3 and 5,
t
SKEW = | tDPLH - tDPHL |
RS-485 RECEIVER
DC Characteristics
TTL Output Levels
V
OL
0.4
Volts
V
OH
2.4
Volts
Tri-State Output Current
±1
µA
0.4V≤V
OUT ≤2.4V; RE = VCC
Inputs
Common Mode Range
–7.0
+12.0
Volts
Receiver Sensitivity
±0.2
Volts
–7V ≤ V
CM ≤ +12V
Input Impedance
120
150
kΩ
–7V ≤ V
CM ≤ +12V
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
CC...........................................................................+7V
Storage Temperature..........................-65˚C to +150˚C
Power Dissipation
8-pin Plastic DIP...........................1000mW
8-pin Plastic N-SOIC.......................1000mW
Package Derating:
8-pin Plastic DIP
ø
JA....................................................62 °C/W
8-pin Plastic N-SOIC
ø
JA....................................................62 °C/W
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com