Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP481R Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP481R
Description  High-Fanout RS-485 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP481R Datasheet(HTML) 9 Page - Sipex Corporation

  SP481R Datasheet HTML 1Page - Sipex Corporation SP481R Datasheet HTML 2Page - Sipex Corporation SP481R Datasheet HTML 3Page - Sipex Corporation SP481R Datasheet HTML 4Page - Sipex Corporation SP481R Datasheet HTML 5Page - Sipex Corporation SP481R Datasheet HTML 6Page - Sipex Corporation SP481R Datasheet HTML 7Page - Sipex Corporation SP481R Datasheet HTML 8Page - Sipex Corporation SP481R Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Date: 6/21/04
SP485R RS-485 Serial Transceiver
© Copyright 2004 Sipex Corporation
9
Part Number
Temperature Range
Package Types
SP481RCP ........................................................................ 0°C to +70°C ................................................................................................ 8 Pin PDIP
SP481RCN ........................................................................ 0°C to +70°C ............................................................................................. 8 Pin NSOIC
SP481RCN/TR .................................................................. 0°C to +70°C ............................................................................................. 8 Pin NSOIC
SP481REP ..................................................................... -40°C to +85°C ................................................................................................ 8 Pin PDIP
SP481REN ..................................................................... -40°C to +85°C ............................................................................................. 8 Pin NSOIC
SP481REN/TR ............................................................... -40°C to +85°C ............................................................................................. 8 Pin NSOIC
SP485RCP ........................................................................ 0°C to +70°C ................................................................................................ 8 Pin PDIP
SP485RCN ........................................................................ 0°C to +70°C ................................................................................................ 8 Pin NOIC
SP485RCN/TR .................................................................. 0°C to +70°C ................................................................................................ 8 Pin NOIC
SP485REP ..................................................................... -40°C to +85°C ................................................................................................ 8 Pin PDIP
SP485REN ..................................................................... -40°C to +85°C ................................................................................................ 8 Pin NOIC
SP485REN/TR ............................................................... -40°C to +85°C ................................................................................................ 8 Pin NOIC
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Corporation
ANALOG EXCELLENCE
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SP485REN/TR = standard; SP485REN-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 2,500 for NSOIC.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
DATE
REVISION
DESCRIPTION
6/21/04
A
Added extended temp range and tape and reel part numbers. Updated
packaging specs.
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com