Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX309 Datasheet (PDF) - Maxim Integrated Products

MAX309 Datasheet PDF - Maxim Integrated Products
Part # MAX309
Download  MAX309 Download
File Size   123.8 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers

MAX309 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX309 Datasheet PDF - Maxim Integrated Products

Part # MAX309
Download  MAX309 Click to download

File Size   123.8 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers

MAX309 Datasheet (HTML) - Maxim Integrated Products


MAX309 Product details

General Description
The MAX308/MAX309 precision, monolithic, CMOS analog multiplexers (muxes) offer low on-resistance (less than 100Ω), which is matched to within 5Ω between channels and remains flat over the specified analog signal range (7Ω max). They also offer low leakage over temperature (NO-off leakage current less than 5nA at +85°C) and fast switching speeds (transition time less than 250ns). The MAX308 is a single-ended 1-of-8 device, and the MAX309 is a differential 2-of-4 device.
The MAX308/MAX309 are fabricated with Maxim’s improved 44V silicon-gate process. Design improvements yield extremely low charge injection (less than 10pC) and guarantee electrostatic discharge protection greater than 2000V.
These muxes operate with a single +5V to +30V supply or bipolar ±5V to ±20V supplies, while retaining TTL/CMOS-logic input compatibility and fast switching. CMOS inputs provide reduced input loading. These improved parts are plug-in upgrades for the industry standard DG408, DG409, DG508A, and DG509A.

Features
♦ Guaranteed On-Resistance Match Between
   Channels, <5Ω Max
♦ Low On-Resistance, <100Ω Max
♦ Guaranteed Flat On-Resistance over Specified
   Signal Range, 7Ω Max
♦ Guarateed Low Charge Injection, <10pC
♦ NO-Off Leakage Current <5nA at +85°C
♦ COM-Off Leakage Current <20nA at +85°C
♦ ESD Protection >2000V
♦ Plug-In Upgrade for Industry-Standard
   DG408/DG409/DG508A/DG509A
♦ Single-Supply Operation (+5V to +30V)
   Bipolar-Supply Operation (±5V to ±20V)
♦ Low Power Consumption, <300µW
♦ Rail-to-Rail Signal Handling
♦ TTL/CMOS-Logic Compatible

Applications
   Sample-and-Hold Circuits
   Automatic Test Equipment
   Heads-Up Displays
   Guidance and Control Systems
   Military Radios
   Communications Systems
   Battery-Operated Systems
   PBX, PABX
   Audio Signal Routing




Similar Part No. - MAX309

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX309 MAXIM-MAX309 Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3093ECPE MAXIM-MAX3093ECPE Datasheet
416Kb / 13P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3093ECSE MAXIM-MAX3093ECSE Datasheet
416Kb / 13P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3093ECUE MAXIM-MAX3093ECUE Datasheet
416Kb / 13P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
More results


Similar Description - MAX309

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX306 MAXIM-MAX306 Datasheet
148Kb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX306 MAXIM-MAX306_10 Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
20-Dec-10
logo
Maxim Integrated Produc...
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX306CPI MAXIM-MAX306CPI Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX309EUE MAXIM-MAX309EUE Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX306 MAXIM-MAX306_V01 Datasheet
1Mb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
MAX308 MAXIM-MAX308_V01 Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
logo
Vishay Siliconix
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
15-Dec-14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com