Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX317 Datasheet (PDF) - Maxim Integrated Products

MAX317 Datasheet PDF - Maxim Integrated Products
Part # MAX317
Download  MAX317 Download
File Size   130.84 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, CMOS Analog Switches

MAX317 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX317 Datasheet PDF - Maxim Integrated Products

Part # MAX317
Download  MAX317 Click to download

File Size   130.84 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, CMOS Analog Switches

MAX317 Datasheet (HTML) - Maxim Integrated Products


MAX317 Product details

General Description

The MAX317/MAX318/MAX319 are precision, CMOS, monolithic analog switches. The single-pole single throw (SPST) MAX317 is normally closed (NC), the SPST MAX318 is normally open (NO), and the single pole double-throw (SPDT) MAX319 has one normally open and one normally closed switch. All three parts offer low on resistance (less than 35Ω), guaranteed to match within 2Ω between channels and to remain flat over the analog signal range (∆3Ω max). They also offer low leakage (less than 250pA at +25°C and less than 6nA at +85°C) and fast switching (turn-on time less than 175ns and turn-off time less than 145ns).

The MAX317/MAX318/MAX319 are fabricated with Maxim’s new improved silicon-gate process. Design improvements guarantee extremely low charge injection (10pC), low power consumption (35µW), and electrostatic discharge (ESD) greater than ±2000V. The 44V maximum breakdown voltage allows rail-to-rail analog signal handling capability.



Features

♦ Low On Resistance <20Ω Typical (35Ω Max)

♦ Guaranteed Matched On Resistance Between Channels < 2Ω

♦ Guaranteed Flat On Resistance over Analog Signal Range ∆3Ω Max

♦ Guaranteed Charge Injection <10pC

♦ Guaranteed Off-Channel Leakage <6nA at +85°C

♦ ESD Guaranteed > 2000V per Method 3015.7

♦ Single-Supply Operation (+10V to +30V)

  Bipolar-Supply Operation (±4.5V to ±20V)

♦ TTL-/CMOS-Logic Compatible

♦ Rail-to-Rail Analog Signal Handling Capability



Applications

  Sample-and-Hold Circuits

  Guidance and Control Systems

  Heads-Up Displays

  Test Equipment

  Military Radios

  Communications Systems

  Battery-Powered Systems

  PBX, PABX



 




Similar Part No. - MAX317

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3170 MAXIM-MAX3170 Datasheet
344Kb / 16P
3.3V, Multiprotocol, 3 Tx/3 Rx, Software- Selectable Clock/Data Transceiver
19-1703; Rev 0; 4/00
MAX3170 MAXIM-MAX3170 Datasheet
476Kb / 13P
Industry’s First Multiprotocol Chipset with True Failsafe Receivers
Rev 0; 12/00
MAX3170CAI MAXIM-MAX3170CAI Datasheet
344Kb / 16P
3.3V, Multiprotocol, 3 Tx/3 Rx, Software- Selectable Clock/Data Transceiver
19-1703; Rev 0; 4/00
MAX3170EVKIT MAXIM-MAX3170EVKIT Datasheet
476Kb / 13P
Industry’s First Multiprotocol Chipset with True Failsafe Receivers
Rev 0; 12/00
MAX3171 MAXIM-MAX3171 Datasheet
271Kb / 15P
3.3V Multiprotocol 3Tx/3Rx Software-Selectable Control Transceivers
19-1703; Rev 1; 8/01
More results


Similar Description - MAX317

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
Precision CMOS Analog Switches
11-Aug-03
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
Precision CMOS Analog Switches
25-Jun-07
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
Precision Monolithic Quad SPST CMOS Analog Switches
14-May-07
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
25-Jun-07
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
Precision CMOS Analog Switches
19-Jul-10
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jul-09
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
06-Sep-99
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
02-Dec-13
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
02-Dec-13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com