Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX313 Datasheet (PDF) - Maxim Integrated Products

MAX313 Datasheet PDF - Maxim Integrated Products
Part # MAX313
Download  MAX313 Download
File Size   385.94 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10?? Quad, SPST, CMOS Analog Switches

MAX313 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX313 Datasheet PDF - Maxim Integrated Products

Part # MAX313
Download  MAX313 Click to download

File Size   385.94 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10?? Quad, SPST, CMOS Analog Switches

MAX313 Datasheet (HTML) - Maxim Integrated Products


MAX313 Product details

General Description

Maxim’s MAX312/MAX313/MAX314 analog switches feature low on-resistance (10Ωmax) and 1.5Ωon-resis tance matching between channels. These switches conduct equally well in either direction. They offer low leakage over temperature (2.5nA at +85°C). Low power consumption and ESD tolerance greater than 2000V per Method 3015.7 are guaranteed. The MAX312/MAX313/MAX314 are quad, single pole/single-throw (SPST) analog switches. The MAX312 is normally closed (NC), and the MAX313 is normally open (NO). The MAX314 has two NC switches and two

NO switches. All three devices operate from a single supply of +4.5V to +30V or from dual supplies of ±4.5V to ±20V.



Features

♦Pin Compatible with DG411/DG412/DG413

♦Low On-Resistance (6.5Ωtypical)

♦Guaranteed RONMatch Between Channels (1.5Ωmax)

♦Guaranteed RONFlatness over Specified Signal Range (2Ωmax)

♦Guaranteed ESD Protection > 2000V per Method 3015.7

♦Crosstalk > 96dB at 20kHz

♦Single-Supply Operation: +4.5V to +30V

  Dual-Supply Operation: ±4.5V to ±20V

♦Rail-to-Rail Signal Handling




Similar Part No. - MAX313

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX313 MAXIM-MAX313 Datasheet
662Kb / 12P
10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
MAX313 MAXIM-MAX313 Datasheet
420Kb / 12P
10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX3130 MAXIM-MAX3130 Datasheet
220Kb / 16P
3V to 5.5V, IrDA Infrared Transceiver with Integrated RS-232 Interface
19-1402; Rev 0; 11/98
MAX3130-MAX3131 MAXIM-MAX3130-MAX3131 Datasheet
220Kb / 16P
3V to 5.5V, IrDA Infrared Transceiver with Integrated RS-232 Interface
19-1402; Rev 0; 11/98
MAX3130CAI MAXIM-MAX3130CAI Datasheet
220Kb / 16P
3V to 5.5V, IrDA Infrared Transceiver with Integrated RS-232 Interface
19-1402; Rev 0; 11/98
More results


Similar Description - MAX313

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
Quad SPST, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
Quad SPST CMOS Analog Switches
06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
Quad SPST CMOS Analog Switches
25-Jun-07
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
Quad SPST CMOS Analog Switches
23-May-11
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_V01 Datasheet
420Kb / 12P
10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com