Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR11682S Datasheet (PDF) - International Rectifier

IR11682S Datasheet PDF - International Rectifier
Part # IR11682S
Download  IR11682S Download
File Size   381.96 Kbytes
Page   22 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 200V proprietary IC technology

IR11682S Datasheet (PDF)

Go To PDF Page Download Datasheet
IR11682S Datasheet PDF - International Rectifier

Part # IR11682S
Download  IR11682S Click to download

File Size   381.96 Kbytes
Page   22 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 200V proprietary IC technology

IR11682S Datasheet (HTML) - International Rectifier




Similar Part No. - IR11682S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR11682S IRF-IR11682S Datasheet
313Kb / 22P
DUAL SMART RECTIFIER DRIVER IC
IR11682S IRF-IR11682S Datasheet
381Kb / 22P
DUAL SmartRectifier DRIVER IC 200V proprietary IC technology
IR11682SPBF IRF-IR11682SPBF Datasheet
381Kb / 22P
DUAL SmartRectifier DRIVER IC 200V proprietary IC technology
IR11682STRPBF IRF-IR11682STRPBF Datasheet
381Kb / 22P
DUAL SmartRectifier DRIVER IC 200V proprietary IC technology
IR11682S IRF-IR11682S_11 Datasheet
381Kb / 22P
DUAL SmartRectifier DRIVER IC 200V proprietary IC technology
More results


Similar Description - IR11682S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFG5210 IRF-IRFG5210 Datasheet
191Kb / 12P
200V, Combination 2N-2P-CHANNEL HEXFET MOSFET TECHNOLOGY
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
International Rectifier
IR11682S IRF-IR11682S_11 Datasheet
381Kb / 22P
DUAL SmartRectifier DRIVER IC 200V proprietary IC technology
logo
Pulse A Technitrol Comp...
PE-65457NLT PULSE-PE-65457NLT Datasheet
100Kb / 1P
PULSE CONFIDENTIAL PROPRIETARY
logo
List of Unclassifed Man...
SC-50-2-7 ETC2-SC-50-2-7 Datasheet
69Kb / 1P
KILO INTERNATIONAL PROPRIETARY
logo
Pulse A Technitrol Comp...
PE-64552NL PULSE-PE-64552NL Datasheet
88Kb / 1P
PULSE CONFIDENTAL PROPRIETARY
logo
Skyworks Solutions Inc.
SKY65720-11 SKYWORKS-SKY65720-11 Datasheet
428Kb / 8P
Innovative proprietary shielded technology
logo
International Rectifier
IRAC1152-350W IRF-IRAC1152-350W Datasheet
965Kb / 24P
PFC IC with IR proprietary ?쏰ne Cycle Control
logo
SIFIRST TECHNOLOGIES NA...
SF7301 SIFIRST-SF7301 Datasheet
89Kb / 2P
Proprietary Super- SRTM Technology
logo
Panasonic Semiconductor
KX-DT333 PANASONIC-KX-DT333 Datasheet
667Kb / 24P
Digital Proprietary Telephone
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com