Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR11682S Datasheet (PDF) - International Rectifier

IR11682S Datasheet PDF - International Rectifier
Part # IR11682S
Download  IR11682S Download
File Size   313.01 Kbytes
Page   22 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description DUAL SMART RECTIFIER DRIVER IC

IR11682S Datasheet (PDF)

Go To PDF Page Download Datasheet
IR11682S Datasheet PDF - International Rectifier

Part # IR11682S
Download  IR11682S Click to download

File Size   313.01 Kbytes
Page   22 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description DUAL SMART RECTIFIER DRIVER IC

IR11682S Datasheet (HTML) - International Rectifier


IR11682S Product details

Description

IR11682 is a dual smart secondary-side rectifier driver IC designed to drive two N-Channel power MOSFETs used as synchronous rectifiers in resonant converter applications. The IC can control one or more paralleled N MOSFETs to emulate the behavior of Schottky diode rectifiers. The drain to source for each rectifier MOSFET voltage is sensed differentially to determine the level of the current and the power switch is turned ON and OFF in close proximity of the zero current transition. The anti shoot-through logic prevents both channels from turning on the power switches at the same time.



Features

• Secondary-side high speed controller for synchronous rectification in resonant half bridge topologies

• 200V proprietary IC technology

• Max 400KHz switching frequency

• Anti-bounce logic and UVLO protection

• 4A peak turn off drive current

• Micropower start-up & ultra low quiescent current

• 10.7V gate drive clamp

• 80ns turn-off propagation delay

• Wide Vcc operating range

• Direct sensing for both Synchronous Rectifiers

• Cycle by Cycle MOT Check Circuit prevents multiple false trigger GATE pulses

• Minimal component count

• Simple design

• Lead-free



Typical Applications

• LCD & PDP TV, Telecom SMPS, AC-DC adapters




Similar Part No. - IR11682S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR11682S IRF-IR11682S Datasheet
381Kb / 22P
DUAL SmartRectifier DRIVER IC 200V proprietary IC technology
IR11682S IRF-IR11682S Datasheet
381Kb / 22P
200V proprietary IC technology
IR11682SPBF IRF-IR11682SPBF Datasheet
381Kb / 22P
DUAL SmartRectifier DRIVER IC 200V proprietary IC technology
IR11682STRPBF IRF-IR11682STRPBF Datasheet
381Kb / 22P
DUAL SmartRectifier DRIVER IC 200V proprietary IC technology
IR11682S IRF-IR11682S_11 Datasheet
381Kb / 22P
DUAL SmartRectifier DRIVER IC 200V proprietary IC technology
More results


Similar Description - IR11682S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1168S IRF-IR1168S Datasheet
261Kb / 19P
DUAL SMART RECTIFIER DRIVER IC
IR11672AS IRF-IR11672AS Datasheet
1Mb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR11662S IRF-IR11662S Datasheet
379Kb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672AS IRF-IR11672AS_11 Datasheet
397Kb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR1168 IRF-IR1168_11 Datasheet
364Kb / 22P
DUAL SMART RECTIFIER DRIVER IC
IR1168S IRF-IR1168S_15 Datasheet
364Kb / 22P
DUAL SMART RECTIFIER DRIVER IC
logo
ON Semiconductor
NCN6804 ONSEMI-NCN6804 Datasheet
341Kb / 25P
Dual Smart Card Interface IC
December, 2008 ??Rev. 1
logo
Feeling Technology Corp...
FD128MX FEELING-FD128MX Datasheet
234Kb / 11P
Single Phase Smart DC Motor Driver IC
logo
STMicroelectronics
STPRDC01 STMICROELECTRONICS-STPRDC01 Datasheet
90Kb / 3P
Synchronous rectifier smart driver
02-Mar-2018
STRG02 STMICROELECTRONICS-STRG02 Datasheet
185Kb / 3P
Synchronous rectifier smart driver
03-Mar-2016
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com