Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRG02 Datasheet (PDF) - STMicroelectronics

STRG02 Datasheet PDF - STMicroelectronics
Part # STRG02
Download  STRG02 Download
File Size   185.87 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Synchronous rectifier smart driver

STRG02 Datasheet (PDF)

Go To PDF Page Download Datasheet
STRG02 Datasheet PDF - STMicroelectronics

Part # STRG02
Download  STRG02 Click to download

File Size   185.87 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Synchronous rectifier smart driver

STRG02 Datasheet (HTML) - STMicroelectronics


STRG02 Product details

Features
 Dual low-side driver for N-channel MOSFETs
 4 A sink/source current
 Operating frequency up to 1 MHz
 Predictive ZCS / ZVS control
 High impedance control
 START input
 DFN12, 3 x 3 mm package

Description
The STRG02 smart driver implements a control
scheme specific to secondary-side synchronous
rectification in STVCOT ™ based resonant
converters.
It provides two high current gate drive outputs,
each capable of driving one or more N-channel
low-side power MOSFETs. Both gate drivers are
controlled by the combination of the START input
and embedded predictive ZCD/ZVS control
assuring the two external power MOSFETs to be
switched in zero voltage / zero current conditions
to achieve high efficiency power conversion.
The high impedance mode can be configured with
the two external power MOSFETs immediately
kept OFF.
The STRG02 is available in a DFN12, 3 x 3 mm
package with an exposed pad.

Applications
 High current high performance step down
conversion




Similar Part No. - STRG02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STRG6153 ETC-STRG6153 Datasheet
167Kb / 2P
The Part Number is STR-G6153, STRG6153. The function of this semiconductor is FLYBACK SWITCHING REGULATOR. The package is TO-220 Type. Manufacturer: Sanken
logo
Allegro MicroSystems
STRG6622 ALLEGRO-STRG6622 Datasheet
175Kb / 8P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
STRG6624 ALLEGRO-STRG6624 Datasheet
175Kb / 8P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
STRG6632 ALLEGRO-STRG6632 Datasheet
175Kb / 8P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
STRG6651 ALLEGRO-STRG6651 Datasheet
175Kb / 8P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
More results


Similar Description - STRG02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSR2 STMICROELECTRONICS-STSR2 Datasheet
287Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Jun-2003
STSR3 STMICROELECTRONICS-STSR3 Datasheet
269Kb / 12P
SYNCHRONOUS RECTIFIERS SMART DRIVER FOR FLYBACK
Jun-2003
STSR30 STMICROELECTRONICS-STSR30 Datasheet
197Kb / 10P
SYNCHRONOUS RECTIFIER SMART DRIVER FOR FLYBACK
Jan-2004
STSR2P STMICROELECTRONICS-STSR2P Datasheet
291Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Sep-2003
logo
Texas Instruments
CSD43301Q5M TI-CSD43301Q5M Datasheet
1Mb / 15P
NexFET Smart Synchronous Rectifier
logo
STMicroelectronics
SRK2000DTR STMICROELECTRONICS-SRK2000DTR Datasheet
266Kb / 17P
Synchronous rectifier smart driver for LLC resonant converters
08-Feb-2012
logo
Texas Instruments
CSD43301Q5M TI-CSD43301Q5M_15 Datasheet
996Kb / 16P
NexFET??Smart Synchronous Rectifier
logo
STMicroelectronics
SRK2000A STMICROELECTRONICS-SRK2000A Datasheet
412Kb / 19P
Synchronous rectifier smart driver for LLC resonant converters
04-May-2017
SRK2000 STMICROELECTRONICS-SRK2000 Datasheet
386Kb / 19P
Synchronous rectifier smart driver for LLC resonant converters
04-May-2017
STPRDC01 STMICROELECTRONICS-STPRDC01 Datasheet
90Kb / 3P
Synchronous rectifier smart driver
02-Mar-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com