Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK2000 Datasheet (PDF) - STMicroelectronics

SRK2000 Datasheet PDF - STMicroelectronics
Part # SRK2000
Download  SRK2000 Download
File Size   386.27 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Synchronous rectifier smart driver for LLC resonant converters

SRK2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRK2000 Datasheet PDF - STMicroelectronics

Part # SRK2000
Download  SRK2000 Click to download

File Size   386.27 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Synchronous rectifier smart driver for LLC resonant converters

SRK2000 Datasheet (HTML) - STMicroelectronics


SRK2000 Product details

Description
The SRK2000 smart driver implements a control scheme specific to secondary-side synchronous rectification in LLC resonant converters that use a transformer with center-tap secondary winding for full-wave rectification.
It provides two high current gate drive outputs, each capable of driving one or more N-channel Power MOSFETs. Each gate driver is controlled separately and an interlocking logic circuit prevents the two synchronous rectifier MOSFETs from conducting simultaneously.

Features
• Secondary-side synchronous rectifier controller optimized for LLC resonant converters
• Protection against current reversal
• Safe management of load transient, light load and startup condition
• Intelligent automatic sleep mode at light load
• Dual gate driver for N-channel MOSFETs with 1 A source and 3.5 A sink drive current
• Operating voltage range 4.5 to 32 V
• Programmable UVLO with hysteresis
• 250 µA quiescent consumption
• Operating frequency up to 500 kHz
• Available in SO-8 package

Applications
• All-in-one PC
• High-power AC-DC adapters
• 80+/85+ compliant ATX SMPS
• 90+/92+ compliant server SMPS
• Industrial SMPS




Similar Part No. - SRK2000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRK2000A STMICROELECTRONICS-SRK2000A Datasheet
412Kb / 19P
Synchronous rectifier smart driver for LLC resonant converters
04-May-2017
SRK2000ATR STMICROELECTRONICS-SRK2000ATR Datasheet
412Kb / 19P
Synchronous rectifier smart driver for LLC resonant converters
04-May-2017
SRK2000D STMICROELECTRONICS-SRK2000D Datasheet
266Kb / 17P
Synchronous rectifier smart driver for LLC resonant converters
08-Feb-2012
SRK2000DTR STMICROELECTRONICS-SRK2000DTR Datasheet
266Kb / 17P
Synchronous rectifier smart driver for LLC resonant converters
08-Feb-2012
More results


Similar Description - SRK2000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSR30 STMICROELECTRONICS-STSR30 Datasheet
197Kb / 10P
SYNCHRONOUS RECTIFIER SMART DRIVER FOR FLYBACK
Jan-2004
logo
Fairchild Semiconductor
AN-6208 FAIRCHILD-AN-6208 Datasheet
478Kb / 10P
Secondary-Side Synchronous Rectifier (SR) for LLC Resonant Converter
logo
STMicroelectronics
SRK2000DTR STMICROELECTRONICS-SRK2000DTR Datasheet
266Kb / 17P
Synchronous rectifier smart driver for LLC resonant converters
08-Feb-2012
SRK2001 STMICROELECTRONICS-SRK2001 Datasheet
446Kb / 22P
Adaptive synchronous rectification controller for LLC resonant converter
12-May-2015
SRK2000A STMICROELECTRONICS-SRK2000A Datasheet
412Kb / 19P
Synchronous rectifier smart driver for LLC resonant converters
04-May-2017
logo
Texas Instruments
UCC24624 TI1-UCC24624 Datasheet
1Mb / 29P
Dual-Channel Synchronous Rectifier Controller for LLC Resonant Converters
logo
ON Semiconductor
FAN6248HC ONSEMI-FAN6248HC Datasheet
281Kb / 15P
Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
NCP4318 ONSEMI-NCP4318 Datasheet
1Mb / 22P
Advanced Synchronous Rectifier Controller for LLC Resonant Converter
March, 2021 ??Rev. 1
logo
STMicroelectronics
STPRDC01 STMICROELECTRONICS-STPRDC01 Datasheet
90Kb / 3P
Synchronous rectifier smart driver
02-Mar-2018
STRG02 STMICROELECTRONICS-STRG02 Datasheet
185Kb / 3P
Synchronous rectifier smart driver
03-Mar-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com