Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK2000 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SRK2000
Description  Synchronous rectifier smart driver for LLC resonant converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2000 Datasheet(HTML) 4 Page - STMicroelectronics

  SRK2000 Datasheet HTML 1Page - STMicroelectronics SRK2000 Datasheet HTML 2Page - STMicroelectronics SRK2000 Datasheet HTML 3Page - STMicroelectronics SRK2000 Datasheet HTML 4Page - STMicroelectronics SRK2000 Datasheet HTML 5Page - STMicroelectronics SRK2000 Datasheet HTML 6Page - STMicroelectronics SRK2000 Datasheet HTML 7Page - STMicroelectronics SRK2000 Datasheet HTML 8Page - STMicroelectronics SRK2000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin description
SRK2000
4/19
DocID17811 Rev 4
2
Pin description
Figure 2. Pin configuration
Table 2. Pin description
No.
Name
Function
1SGND
Signal ground. Return of the bias current of the device and 0 V reference for
drain-to-source voltage monitors of both sections. Route this pin directly to
PGND.
2EN
Drain voltage threshold setting for synchronous rectifier MOSFET turn-off.
UVLO threshold programming. This pin is typically biased by either a pull-up
resistor connected to VCC or by a resistor divider sensing VCC. Pulling the pin to
ground disables the gate driver outputs GD1 and GD2 and can therefore be
used also as Enable input.
3
4
DVS1
DVS2
Drain voltage sensing for sections 1 and 2. These pins are to be connected to
the respective drain terminals of the corresponding synchronous rectifier
MOSFET via limiting resistors. When the voltage on either pin goes negative,
the corresponding synchronous rectifier MOSFET is switched on; as its
(negative) voltage exceeds a threshold defined by the EN pin, the MOSFET is
switched off. An internal logic rejects switching noise, however, extreme care in
the proper routing of the drain connection is recommended.
5
7
GD2
GD1
Gate driver output for sections 2 and 1. Each totem pole output stage is able to
drive the Power MOSFETs with a peak current of 1 A source and 3.5 A sink. The
high-level voltage of these pins is clamped at about 12 V to avoid excessive gate
voltages in case the device is supplied with a high VCC.
6PGND
Power ground. Return for gate drive currents. Route this pin to the common
point where the source terminals of both synchronous rectifier MOSFETs are
connected.
8VCC
Supply voltage of the device. A small bypass capacitor (0.1 µF typ.) to SGND,
located as close to the IC’s pins as possible, may be useful to obtain a clean
supply voltage for the internal control circuitry. A similar bypass capacitor to
PGND, again located as close to the IC’s pins as possible, may be an effective
energy buffer for the pulsed gate drive currents.
GD2
SGND
EN
DVS1
DVS2
Vcc
GD1
PGND
1
2
3
4
8
7
6
5
GD2
SGND
EN
DVS1
DVS2
Vcc
GD1
PGND
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com