Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK2000 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SRK2000
Description  Synchronous rectifier smart driver for LLC resonant converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2000 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SRK2000 Datasheet HTML 11Page - STMicroelectronics SRK2000 Datasheet HTML 12Page - STMicroelectronics SRK2000 Datasheet HTML 13Page - STMicroelectronics SRK2000 Datasheet HTML 14Page - STMicroelectronics SRK2000 Datasheet HTML 15Page - STMicroelectronics SRK2000 Datasheet HTML 16Page - STMicroelectronics SRK2000 Datasheet HTML 17Page - STMicroelectronics SRK2000 Datasheet HTML 18Page - STMicroelectronics SRK2000 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
DocID17811 Rev 4
17/19
SRK2000
Package information
19
7.1
SO-8 package information
Figure 9. SO-8 package outline
Table 6. SO-8 package mechanical data
Symbol
Dimensions (mm)
Dimensions (inch)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.35
-
1.75
0.053
-
0.069
A1
0.10
-
0.25
0.004
-
0.010
A2
1.10
-
1.65
0.043
-
0.065
B
0.33
-
0.51
0.013
-
0.020
C
0.19
-
0.25
0.007
-
0.010
D (1)
1. D dimensions do not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs
should not exceed 0.15 mm (0.006 inch) in total (both sides).
4.80
-
5.00
0.189
-
0.197
E
3.80
-
4.00
0.15
-
0.157
e
-
1.27
-
-
0.050
-
H
5.80
-
6.20
0.228
-
0.244
h
0.25
-
0.50
0.010
-
0.020
L
0.40
-
1.27
0.016
-
0.050
k
0° (min.), 8° (max.)
ddd
-
-
0.10
-
-
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com