Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK2000 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SRK2000
Description  Synchronous rectifier smart driver for LLC resonant converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2000 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SRK2000 Datasheet HTML 3Page - STMicroelectronics SRK2000 Datasheet HTML 4Page - STMicroelectronics SRK2000 Datasheet HTML 5Page - STMicroelectronics SRK2000 Datasheet HTML 6Page - STMicroelectronics SRK2000 Datasheet HTML 7Page - STMicroelectronics SRK2000 Datasheet HTML 8Page - STMicroelectronics SRK2000 Datasheet HTML 9Page - STMicroelectronics SRK2000 Datasheet HTML 10Page - STMicroelectronics SRK2000 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DocID17811 Rev 4
7/19
SRK2000
Electrical characteristics
19
5
Electrical characteristics
TJ = -25 to 125 °C, VCC = 12 V, CGD1 = CGD2 = 4.7 nF, EN = VCC; unless otherwise
specified; typical values refer to TJ = 25 °C.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
Supply voltage
VCC
Operating range
After turn-on
4.5
-
32
V
VCCOn
Turn-on threshold
See(1)
4.25
4.5
4.75
V
VCCOff
Turn-off threshold
See(1)
4
4.25
4.5
V
Hys
Hysteresis
-
-
0.25
-
V
VCCZ
Zener voltage
ICCZ = 20 mA
33
36
39
V
Supply current
Istart-up
Startup current
Before turn-on, VCC = 4 V
-
45
70
µA
Iq
Quiescent current
After turn-on
-
250
500
µA
ICC
Operating supply current
At 300 kHz
-
35
-
mA
Iq
Quiescent current
EN = SGND
-
150
250
µA
Drain sensing inputs and synch functions
VDVS1,2_H Upper clamp voltage
IDVS1,2 = 20 mA
-
VCCZ
-V
IDVS1,2_b Input bias current
VDVS1,2 = 0 to VCC(2)
-1
-
1
µA
VDVS1,2_A
Arming voltage
(positive-going edge)
--
1.4
-
V
VDVS1,2_PT
Pre-triggering voltage
(negative-going edge)
--
0.7
-
V
VDVS1,2_TH Turn-on threshold
-
-250
-200
-180
mV
IDVS1,2_On Turn-on source current
VDVS1,2 = -250 mV
-
-50
-
µA
VDVS1,2_Off
Turn-off threshold
(positive-going edge)
R = 680 k
 from EN to VCC
-18
-25
-32
mV
R = 270 k
 from EN to VCC
-9
-12.5
-16
TPD_On
Turn-on debounce delay
After sourcing IDS1,2_On
-250
-
ns
TPD_Off
Turn-off propagation delay After crossing VDS1,2_Off
--
60
ns
TON_min
Minimum on-time
-
-
150
-
ns
DOFF
Min. operating duty-cycle
-
-
40
-
%
DON
Restart duty-cycle
-
-
60
-
%
Gate drive enable function
VEN_On
Enable threshold
Positive-going edge(1)
1.7
1.8
1.9
V
Hyst
Hysteresis
Below VEN_On
-45
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com