Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRG02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STRG02
Description  Synchronous rectifier smart driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRG02 Datasheet(HTML) 1 Page - STMicroelectronics

  STRG02 Datasheet HTML 1Page - STMicroelectronics STRG02 Datasheet HTML 2Page - STMicroelectronics STRG02 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For further information contact your local STMicroelectronics sales office.
March 2016
DocID029070 Rev 1
1/3
STRG02
Synchronous rectifier smart driver
Data brief
Features
 Dual low-side driver for N-channel MOSFETs
 4 A sink/source current
 Operating frequency up to 1 MHz
 Predictive ZCS / ZVS control
 High impedance control
 START input
 DFN12, 3 x 3 mm package
Applications
 High current high performance step down
conversion
Description
The STRG02 smart driver implements a control
scheme specific to secondary-side synchronous
rectification in STVCOT
™ based resonant
converters.
It provides two high current gate drive outputs,
each capable of driving one or more N-channel
low-side power MOSFETs. Both gate drivers are
controlled by the combination of the START input
and embedded predictive ZCD/ZVS control
assuring the two external power MOSFETs to be
switched in zero voltage / zero current conditions
to achieve high efficiency power conversion.
The high impedance mode can be configured with
the two external power MOSFETs immediately
kept OFF.
The STRG02 is available in a DFN12, 3 x 3 mm
package with an exposed pad.
Table 1. Device summary
Order code
Package
Packing
STRG02TR
DFN12
Tape and reel
www.st.com


Similar Part No. - STRG02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STRG6153 ETC-STRG6153 Datasheet
167Kb / 2P
The Part Number is STR-G6153, STRG6153. The function of this semiconductor is FLYBACK SWITCHING REGULATOR. The package is TO-220 Type. Manufacturer: Sanken
logo
Allegro MicroSystems
STRG6622 ALLEGRO-STRG6622 Datasheet
175Kb / 8P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
STRG6624 ALLEGRO-STRG6624 Datasheet
175Kb / 8P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
STRG6632 ALLEGRO-STRG6632 Datasheet
175Kb / 8P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
STRG6651 ALLEGRO-STRG6651 Datasheet
175Kb / 8P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
More results

Similar Description - STRG02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSR2 STMICROELECTRONICS-STSR2 Datasheet
287Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Jun-2003
STSR3 STMICROELECTRONICS-STSR3 Datasheet
269Kb / 12P
SYNCHRONOUS RECTIFIERS SMART DRIVER FOR FLYBACK
Jun-2003
STSR30 STMICROELECTRONICS-STSR30 Datasheet
197Kb / 10P
SYNCHRONOUS RECTIFIER SMART DRIVER FOR FLYBACK
Jan-2004
STSR2P STMICROELECTRONICS-STSR2P Datasheet
291Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Sep-2003
logo
Texas Instruments
CSD43301Q5M TI-CSD43301Q5M Datasheet
1Mb / 15P
NexFET Smart Synchronous Rectifier
logo
STMicroelectronics
SRK2000DTR STMICROELECTRONICS-SRK2000DTR Datasheet
266Kb / 17P
Synchronous rectifier smart driver for LLC resonant converters
08-Feb-2012
logo
Texas Instruments
CSD43301Q5M TI-CSD43301Q5M_15 Datasheet
996Kb / 16P
NexFET??Smart Synchronous Rectifier
logo
STMicroelectronics
SRK2000A STMICROELECTRONICS-SRK2000A Datasheet
412Kb / 19P
Synchronous rectifier smart driver for LLC resonant converters
04-May-2017
SRK2000 STMICROELECTRONICS-SRK2000 Datasheet
386Kb / 19P
Synchronous rectifier smart driver for LLC resonant converters
04-May-2017
STPRDC01 STMICROELECTRONICS-STPRDC01 Datasheet
90Kb / 3P
Synchronous rectifier smart driver
02-Mar-2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com