Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3386E Datasheet (PDF) - Maxim Integrated Products

MAX3386E Datasheet PDF - Maxim Integrated Products
Part # MAX3386E
Download  MAX3386E Download
File Size   156.49 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.0V, 짹15kV ESD-Protected RS-232 Transceiver for PDAs and Cell Phones

MAX3386E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3386E Datasheet PDF - Maxim Integrated Products

Part # MAX3386E
Download  MAX3386E Click to download

File Size   156.49 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.0V, 짹15kV ESD-Protected RS-232 Transceiver for PDAs and Cell Phones

MAX3386E Datasheet (HTML) - Maxim Integrated Products


MAX3386E Product details

General Description
The MAX3386E 3V-powered EIA/TIA-232 and V.28/V.24 is a communications interface with low power requirements, high data-rate capabilities, and enhanced electrostatic discharge (ESD) protection. The MAX3386E has two receivers and three transmitters. All RS-232 inputs and outputs are protected to ±25kV using the IEC 1000-4-2 Air-Gap Discharge method, ±8kV using the IEC 1000-4-2 Contact Discharge method, and ±15kV using the Human Body Model.
A proprietary low-dropout transmitter output stage enables true RS-232 performance from a +3.0V to +5.5V supply with a dual charge pump. The charge pump requires only four small 0.1µF capacitors for operation from a +3.3V supply. The MAX3386E is capable of running at data rates up to 250kbps while maintaining RS-232 compliant output levels.
The MAX3386E has a unique VL pin that allows interoperation in mixed-logic voltage systems. Both input and output logic levels are pin programmable through the VL pin. The MAX3386E is available in a space-saving TSSOP package.

Features
♦ VL Pin for Compatibility with Mixed-Voltage Systems
♦ Enhanced ESD Protection on Rx Inputs and Tx Outputs
   ±15kV—Human Body Model
   ±25kV—IEC 1000-4-2, Air-Gap Discharge
   ±8kV—IEC 1000-4-2, Contact Discharge
♦ Low 300µA Supply Current
♦ Guaranteed 250kbps Data Rate
♦ 1µA Low-Power Shutdown
♦ Meets EIA/TIA-232 Specifications Down to 3.0V

Applications
   Subnotebook/Palmtop Computers
   PDAs and PDA Cradles
   Cell Phone Data Cables
   Battery-Powered Equipment
   Hand-Held Equipment
   Peripherals




Similar Part No. - MAX3386E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3386E TI-MAX3386E Datasheet
216Kb / 14P
RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
MAX3386E TI2-MAX3386E Datasheet
667Kb / 21P
RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
REVISED MARCH 2011
MAX3386EC TI2-MAX3386EC Datasheet
667Kb / 21P
RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
REVISED MARCH 2011
MAX3386ECDBR TI-MAX3386ECDBR Datasheet
216Kb / 14P
RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
MAX3386ECDW TI-MAX3386ECDW Datasheet
216Kb / 14P
RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
More results


Similar Description - MAX3386E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3314E MAXIM-MAX3314E Datasheet
244Kb / 8P
짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
19-1696; Rev 1; 3/01
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
MAX3384E MAXIM-MAX3384E Datasheet
221Kb / 11P
짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
MAX3387E MAXIM-MAX3387E Datasheet
181Kb / 16P
3V, 짹15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
19-1561; Rev 1; 10/99
MAX3388E MAXIM-MAX3388E Datasheet
276Kb / 11P
2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
19-1845; Rev 1; 9/01
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
December 20, 2005
logo
Maxim Integrated Produc...
MAX3387E MAXIM-MAX3387E_10 Datasheet
171Kb / 14P
3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Rev 3; 6/10
logo
Intersil Corporation
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com