Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX351 Datasheet (PDF) - Maxim Integrated Products

MAX351 Datasheet PDF - Maxim Integrated Products
Part # MAX351
Download  MAX351 Download
File Size   101.05 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, Quad, SPST Analog Switches

MAX351 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX351 Datasheet PDF - Maxim Integrated Products

Part # MAX351
Download  MAX351 Click to download

File Size   101.05 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, Quad, SPST Analog Switches

MAX351 Datasheet (HTML) - Maxim Integrated Products


MAX351 Product details

General Description
The MAX351/MAX352/MAX353 are precision, quad, single-pole single-throw (SPST) analog switches. The MAX351 has four normally closed (NC), and the MAX352 has four normally open (NO) switches. The MAX353 has two NO and two NC switches. All three parts offer low on resistance (less than 35Ω), guaranteed to match within 2Ω between channels and to remain flat over the analog signal range (∆3Ω max). They also offer low leakage (less than 250pA at +25°C and less than 6nA at +85°C) and fast switching (turn-on time less than 175ns and turn-off time less than 145ns).

Features
♦ Low On Resistance < 22Ω Typical (35Ω Max)
♦ Guaranteed Matched On Resistance Between Channels < 2Ω
♦ Guaranteed Flat On Resistance Over Analog Signal Range ∆3Ω Max
♦ Guaranteed Charge Injection < 10pC
♦ Guaranteed Off-Channel Leakage < 6nA at +85°C
♦ ESD Guaranteed > 2000V per Method 3015.7
♦ Single-Supply Operation (+10V to +30V)
  Bipolar-Supply Operation (±4.5V to ±20V)
♦ TTL-/CMOS-Logic Compatibility
♦ Rail-to-Rail Analog Signal Handling Capability

Applications
  Sample-and-Hold Circuits
  Military Radios
  Guidance and Control Systems
  Communications Systems
  Heads-Up Displays
  Battery-Operated Systems
  Test Equipment
  PBX, PABX




Similar Part No. - MAX351

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351 Datasheet
457Kb / 13P
Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX3510 MAXIM-MAX3510 Datasheet
138Kb / 12P
Upstream CATV Amplifier
Rev 2; 8/99
MAX3510 MAXIM-MAX3510 Datasheet
151Kb / 12P
Upstream CATV Amplifier
Rev 4; 5/07
MAX35101 MAXIM-MAX35101 Datasheet
1Mb / 66P
Time-to-Digital Converter with Analog Front-End
19-6830; Rev 1; 1/15
logo
Analog Devices
MAX35101 AD-MAX35101 Datasheet
1Mb / 66P
Time-to-Digital Converter with Analog Front-End
Rev 1 1/15
More results


Similar Description - MAX351

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX391 MAXIM-MAX391_06 Datasheet
381Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 3; 8/06
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 2; 6/04
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com