Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX364 Datasheet (PDF) - Maxim Integrated Products

MAX364 Datasheet PDF - Maxim Integrated Products
Part # MAX364
Download  MAX364 Download
File Size   89.6 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, Quad, SPST Analog Switches

MAX364 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX364 Datasheet PDF - Maxim Integrated Products

Part # MAX364
Download  MAX364 Click to download

File Size   89.6 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, Quad, SPST Analog Switches

MAX364 Datasheet (HTML) - Maxim Integrated Products


MAX364 Product details

General Description
The MAX364/MAX365 are precision, quad, single-pole single-throw (SPST) analog switches. The MAX364 has four normally closed (NC), and the MAX365 has four normally open (NO) switches. Both parts offer low channel on-resistance (less than 85Ω), guaranteed to match within 2Ω between channels and to remain flat over the analog signal range (∆9Ω max). Both parts also offer low leakage (less than 500pA at +25°C and less than 4nA at +85°C) and fast switching (turn-on time less than 250ns and turn-off time less than 170ns).

Features
♦ Low On-Resistance: < 45Ω Typical (85Ω Max)
♦ Guaranteed Matched On-Resistance Between Channels: < 2Ω
♦ Guaranteed Flat On-Resistance over Full Analog Signal Range: ∆9Ω Max
♦ Guaranteed Charge Injection: < 10pC
♦ Guaranteed Off-Channel Leakage: < 4nA at +85°C
♦ ESD Guaranteed > 2000V per Method 3015.7
♦ Single-Supply Operation (+10V to +30V) Bipolar-Supply Operation (±4.5V to ±20V)
♦ TTL-/CMOS-Logic Compatible
♦ Rail-to-Rail Analog Signal Handling Capability

Applications
    Sample-and-Hold Circuits
    Communication Systems
    Guidance and Control Systems
    Battery-Operated Systems
    Heads-Up Displays
    PBX, PABX
    Test Equipment
    Military Radios




Similar Part No. - MAX364

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364 Datasheet
357Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 2; 6/04
MAX364 MAXIM-MAX364 Datasheet
334Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 9/01
MAX3640 MAXIM-MAX3640 Datasheet
329Kb / 12P
3.3V, 622Mbps LVDS, Dual 4:2 Crosspoint Switch
Rev 0; 3/00
MAX3640UCM MAXIM-MAX3640UCM Datasheet
329Kb / 12P
3.3V, 622Mbps LVDS, Dual 4:2 Crosspoint Switch
Rev 0; 3/00
MAX3643 MAXIM-MAX3643 Datasheet
266Kb / 15P
Burst-Mode Laser Driver
Rev 0; 11/05
More results


Similar Description - MAX364

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX391 MAXIM-MAX391_06 Datasheet
381Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 3; 8/06
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 2; 6/04
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com