Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3766 Datasheet (PDF) - Maxim Integrated Products

MAX3766 Datasheet PDF - Maxim Integrated Products
Part # MAX3766
Download  MAX3766 Download
File Size   250.21 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 622Mbps LAN/WAN Laser Driver with Automatic Power Control and Safety Shutdown

MAX3766 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3766 Datasheet PDF - Maxim Integrated Products

Part # MAX3766
Download  MAX3766 Click to download

File Size   250.21 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 622Mbps LAN/WAN Laser Driver with Automatic Power Control and Safety Shutdown

MAX3766 Datasheet (HTML) - Maxim Integrated Products


MAX3766 Product details

General Description
The MAX3766 is a complete, easy-to-program laser driver for fiber optic LAN transmitters, optimized foroperation at 622Mbps. It includes a laser modulator, automatic power control (APC), and a failure indicator with latched shutdown. Laser modulation current can be programmed up to 60mA at 622Mbps. A programmable modulation temperature coefficient can be used to keep the transmitted extinction ratio nearly constant over a wide temperature range. The modulator operates at data rates up to 1.25Gbps at reduced modulation current. APC circuitry uses feedback from the laser’s monitor photodiode to adjust the laser bias current, producing constant output power regardless of laser temperature or age. The MAX3766 supports laser bias currents up to 80mA.

Features
♦ 60mA Modulation Current
♦ 80mA Bias Current
♦ 200ps Edge Speed
♦ Modulation-Current Temperature Compensation
♦ Automatic Power Control
♦ Laser-Fail Indicator with Latched Shutdown
♦ Smooth Laser Start-Up

Applications
622Mbps ATM Transmitters
1.25Gbps Fiber Optic LAN Transmitters
1.25Gbps Ethernet Transmitters




Similar Part No. - MAX3766

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3766 MAXIM-MAX3766 Datasheet
532Kb / 20P
622Mbps LAN/WAN Laser Driver with Automatic Power Control and Safety Shutdown
Rev 1; 11/04
MAX3766E/D MAXIM-MAX3766E/D Datasheet
532Kb / 20P
622Mbps LAN/WAN Laser Driver with Automatic Power Control and Safety Shutdown
Rev 1; 11/04
MAX3766EEP MAXIM-MAX3766EEP Datasheet
532Kb / 20P
622Mbps LAN/WAN Laser Driver with Automatic Power Control and Safety Shutdown
Rev 1; 11/04
MAX3766EEP+ MAXIM-MAX3766EEP+ Datasheet
532Kb / 20P
622Mbps LAN/WAN Laser Driver with Automatic Power Control and Safety Shutdown
Rev 1; 11/04
MAX3766 MAXIM-MAX3766_V01 Datasheet
532Kb / 20P
622Mbps LAN/WAN Laser Driver with Automatic Power Control and Safety Shutdown
Rev 1; 11/04
More results


Similar Description - MAX3766

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3760 MAXIM-MAX3760 Datasheet
124Kb / 8P
622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers
19-4765; Rev 0; 7/98
MAX3865 MAXIM-MAX3865 Datasheet
633Kb / 16P
2.5Gbps Laser Driver with Automatic Modulation Control
19-2247; Rev 1; 4/02
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
Laser Diode Driver with Automatic Power Control
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
Laser Diode Driver with Automatic Power Control
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Maxim Integrated Produc...
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com