Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3866 Datasheet (PDF) - Maxim Integrated Products

MAX3866 Datasheet PDF - Maxim Integrated Products
Part # MAX3866
Download  MAX3866 Download
File Size   200.36 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.5Gbps, 3.3V Combined Transimpedance/Limiting Amplifier

MAX3866 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3866 Datasheet PDF - Maxim Integrated Products

Part # MAX3866
Download  MAX3866 Click to download

File Size   200.36 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.5Gbps, 3.3V Combined Transimpedance/Limiting Amplifier

MAX3866 Datasheet (HTML) - Maxim Integrated Products


MAX3866 Product details

General Description
The MAX3866 combined transimpedance preamplifier and limiting postamplifier is intended for application in SDH/SONET systems operating at 2.488Gbps. It operates from a single +3.3V or +5V supply and provides a differential output signal. The differential outputs are each 50Ω reverse terminated (100Ω differential termination) for low-noise and high-speed signal performance.

Features
♦ Input Sensitivities Better than -22dBm (7.8µAp-p)
♦ Overdrive Capability Better than +1.4dBm (2.5mAp-p)
♦ Single +3.3V or +5V Supply
♦ 165mW Power Dissipation (at 3.3V)
♦ 1.8GHz Analog Input Bandwidth
♦ Programmable Loss-of-Power Indicator
♦ 100Ω Differential Output

Applications
    SDH/SONET Transmission Systems
    PIN/Preamplifier Receivers
    2.488Gbps ATM Receivers
    Regenerators for SDH/SONET




Similar Part No. - MAX3866

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3861 MAXIM-MAX3861 Datasheet
1Mb / 13P
2.7Gbps Post Amp with Automatic Gain Control
Rev 0; 02/02
MAX3861D MAXIM-MAX3861D Datasheet
1Mb / 13P
2.7Gbps Post Amp with Automatic Gain Control
Rev 0; 02/02
MAX3861E MAXIM-MAX3861E Datasheet
1Mb / 13P
2.7Gbps Post Amp with Automatic Gain Control
Rev 0; 02/02
MAX3861EGG MAXIM-MAX3861EGG Datasheet
1Mb / 13P
2.7Gbps Post Amp with Automatic Gain Control
Rev 0; 02/02
MAX3863 MAXIM-MAX3863 Datasheet
466Kb / 15P
2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
More results


Similar Description - MAX3866

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
logo
Maxim Integrated Produc...
MAX3272 MAXIM-MAX3272 Datasheet
549Kb / 12P
3.3V, 2.5Gbps Low-Power Limiting Amplifier
MAX3272 MAXIM-MAX3272 Datasheet
625Kb / 14P
3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3822 MAXIM-MAX3822 Datasheet
1Mb / 14P
3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
logo
Maxim Integrated Produc...
MAX3825 MAXIM-MAX3825 Datasheet
616Kb / 8P
3.3V, 2.5Gbps Quad Transimpedance Amplifier for System Interconnects
Rev 0; 11/00
logo
Micrel Semiconductor
SY88349NDL MICREL-SY88349NDL Datasheet
433Kb / 13P
2.5Gbps Burst-Mode Limiting Amplifier
logo
Maxim Integrated Produc...
PHY1097 MAXIM-PHY1097 Datasheet
363Kb / 10P
2.5Gbps High Sensitivity Transimpedance Amplifier
MAX3822 MAXIM-MAX3822_V01 Datasheet
624Kb / 10P
3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com