Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX391 Datasheet (PDF) - Maxim Integrated Products

MAX391 Datasheet PDF - Maxim Integrated Products
Part # MAX391
Download  MAX391 Download
File Size   739.96 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, Quad, SPST Analog Switches

MAX391 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX391 Datasheet PDF - Maxim Integrated Products

Part # MAX391
Download  MAX391 Click to download

File Size   739.96 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, Quad, SPST Analog Switches

MAX391 Datasheet (HTML) - Maxim Integrated Products


MAX391 Product details

General Description
The MAX391/MAX392/MAX393 are precision, quad, single-pole/single-throw (SPST) analog switches designed to operate at +3V, +5V, or ±5V. The MAX391 has four normally closed (NC) switches, and the MAX392 has four normally open (NO) switches. The MAX393 has two NO and two NC switches. All three devices offer low leakage (100pA max) and fast switching speeds (tON ≤ 130ns, tOFF ≤ 75ns). Power consumption is just 1µW—ideal for battery-operated equipment. All devices operate from a single +3V to +15V supply or from dual ±3.0V to ±8V supplies.

Features
♦ Low On-Resistance, 20Ω Typical
♦ Guaranteed On-Resistance Match Between Channels, <2Ω
♦ Guaranteed On-Resistance Flatness Over Signal Range, 4Ω Max
♦ Guaranteed Charge Injection, <5pC
♦ Improved Leakage Over Temperature, <2.5nA at +85°C
♦ Electrostatic Discharge >2000V per Method 3015.7
♦ Single-Supply Operation (+3V to +15V) Bipolar-Supply Operation (±3V to ±8V)
♦ Low Power Consumption, <1µW
♦ TTL/CMOS-Logic Compatible

Applications
    Battery-Operated Systems
    Sample-and-Hold Circuits
    Heads-Up Displays
    Guidance and Control Systems
    Audio and Video Switching
    Military Radios
    Test Equipment
    Communications Systems
    ±5V DACs and ADCs
    PBX, PABX




Similar Part No. - MAX391

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX391 MAXIM-MAX391 Datasheet
381Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 3; 8/06
MAX391C/D MAXIM-MAX391C/D Datasheet
381Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 3; 8/06
MAX391CGE MAXIM-MAX391CGE Datasheet
381Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 3; 8/06
MAX391CPE MAXIM-MAX391CPE Datasheet
381Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 3; 8/06
MAX391CSE MAXIM-MAX391CSE Datasheet
381Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 3; 8/06
More results


Similar Description - MAX391

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX391 MAXIM-MAX391_06 Datasheet
381Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 3; 8/06
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 2; 6/04
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com