Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4005 Datasheet (PDF) - Maxim Integrated Products

MAX4005 Datasheet PDF - Maxim Integrated Products
Part # MAX4005
Download  MAX4005 Download
File Size   33.46 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 950MHz FET-Input Buffer with 75??Output

MAX4005 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4005 Datasheet PDF - Maxim Integrated Products

Part # MAX4005
Download  MAX4005 Click to download

File Size   33.46 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 950MHz FET-Input Buffer with 75??Output

MAX4005 Datasheet (HTML) - Maxim Integrated Products


MAX4005 Product details

General Description
The MAX4005 is a ±5V, single-ended unity-gain buffer with a high-impedance JFET input, intended to drive a 75Ω load. A 75Ω thin-film output resistor is included onboard to minimize reflections when driving a 75Ω load through a transmission line of arbitrary length. Gain in this configuration is 0.5.

Features
♦ 950MHz Bandwidth
♦ 350ps Rise/Fall Times
♦ 0.11%/0.03° Differential Gain/Phase Error
♦ 1000V/µs Slew Rate
♦ 10pA Input Bias Current
♦ 75Ω Output Impedance

Applications
    Video Buffer / Line Driver
    Isolation Between High-Impedance Node and Low-Impedance Instrument
    Remote Signal Sensing
    Impedance Transformation
    Fanout Multiplier for 75Ω Distribution Systems




Similar Part No. - MAX4005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40056EVKIT MAXIM-MAX40056EVKIT Datasheet
659Kb / 7P
Precision Real-Time Current-Monitoring with Fault Detection
319-100264; Rev 1; 12/18
MAX40056F MAXIM-MAX40056F Datasheet
659Kb / 7P
Precision Real-Time Current-Monitoring with Fault Detection
319-100264; Rev 1; 12/18
MAX40056F MAXIM-MAX40056F Datasheet
1Mb / 24P
Bidirectional Current Sense Amplifier with PWM-Rejection
2021
logo
Analog Devices
MAX40056F AD-MAX40056F Datasheet
1Mb / 24P
Bidirectional Current Sense Amplifier with PWM-Rejection
Rev 8 2/21
MAX40056F AD-MAX40056F Datasheet
1Mb / 18P
Bidirectional Current Sense Amplifier with PWM-Rejection
Rev 8 2/21
More results


Similar Description - MAX4005

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM7439 NSC-DM7439 Datasheet
82Kb / 4P
DM7439 Quad 2-Input NAND Buffer with Open-Collector Output
LH4004 NSC-LH4004 Datasheet
233Kb / 6P
WIDEBAND FET - INPUT BUFFER / AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0033 MSK-MSK0033 Datasheet
587Kb / 6P
FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
Lineage Power Corporati...
FNW500R4 LINEAGEPOWER-FNW500R4 Datasheet
346Kb / 13P
36 - 75 Vdc Input; 28Vdc Output; 500W Output
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
36 - 75 Vdc Input; 28Vdc Output; 700W Output
JHW250S30R21-18T LINEAGEPOWER-JHW250S30R21-18T Datasheet
709Kb / 14P
36 - 75 Vdc Input; 30.2Vdc Output; 250W
JNW350R641 LINEAGEPOWER-JNW350R641 Datasheet
733Kb / 15P
36 - 75 Vdc Input; 28Vdc Output; 350W Output
logo
Rohm
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
1 for input 1 output buffer with Termination sense correspondence
BU16025MUV ROHM-BU16025MUV_11 Datasheet
427Kb / 17P
1 for input 1 output buffer (Sync with OE)
logo
Texas Instruments
SN75C08 TI1-SN75C08 Datasheet
90Kb / 7P
SCSI INPUT/OUTPUT BUFFER
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com