Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX397 Datasheet (PDF) - Maxim Integrated Products

MAX397 Datasheet PDF - Maxim Integrated Products
Part # MAX397
Download  MAX397 Download
File Size   120.71 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers

MAX397 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX397 Datasheet PDF - Maxim Integrated Products

Part # MAX397
Download  MAX397 Click to download

File Size   120.71 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers

MAX397 Datasheet (HTML) - Maxim Integrated Products


MAX397 Product details

General Description

The MAX396/MAX397 low-voltage, CMOS analog multiplexers (muxes) offer low on-resistance (100Ω max), which is matched to within 6Ωbetween switches and remains flat over the specified signal range (10Ωmax). They also offer low leakage over temperature (input off-leakage current less than 1nA at +85°C) and fast switching speeds (transition time less than 250ns). The MAX396 is a 16-channel device, and the MAX397 is a dual 8-channel device.



Features

♦Pin Compatible with MAX306/MAX307,DG406/DG407, DG506A/DG507A

♦Single-Supply Operation (+2.7V to +16V)

  Dual-Supply Operation (±2.7V to ±8V)

♦Low On-Resistance (100Ωmax)

♦Guaranteed RON Match Between Channels (6Ω max)

♦Guaranteed RON Flatness over Specified Signal Range (10Ω max)

♦Guaranteed Low Charge Injection (5pC max)

♦Input Off-Leakage Current < 1nA at +85°C

♦Output Off-Leakage Current < 2.5nA at +85°C

♦Low Power Consumption < 10µW

♦TTL/CMOS Compatible




Similar Part No. - MAX397

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3970 MAXIM-MAX3970 Datasheet
486Kb / 10P
10Gbps, 3.3V Low-Power Transimpedance Amplifier with RSSI
Rev 2; 1/02
MAX3970D MAXIM-MAX3970D Datasheet
486Kb / 10P
10Gbps, 3.3V Low-Power Transimpedance Amplifier with RSSI
Rev 2; 1/02
MAX3970U MAXIM-MAX3970U Datasheet
486Kb / 10P
10Gbps, 3.3V Low-Power Transimpedance Amplifier with RSSI
Rev 2; 1/02
MAX3971 MAXIM-MAX3971 Datasheet
1Mb / 10P
3.3V, 10.3Gbps Limiting Amplifier
Rev 1; 12/02
MAX3971A MAXIM-MAX3971A Datasheet
1Mb / 10P
3.3V, 10.7Gbps Limiting Amplifier
Rev 0; 4/02
More results


Similar Description - MAX397

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX306 MAXIM-MAX306 Datasheet
148Kb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX306 MAXIM-MAX306_10 Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
logo
Maxim Integrated Produc...
MAX306CPI MAXIM-MAX306CPI Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306 MAXIM-MAX306_V01 Datasheet
1Mb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
MAX396 MAXIM-MAX396_V01 Datasheet
1Mb / 14P
Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
2016
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
16-Dec-13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com