Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX408 Datasheet (PDF) - Maxim Integrated Products

MAX408 Datasheet PDF - Maxim Integrated Products
Part # MAX408
Download  MAX408 Download
File Size   146.61 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad High-Speed, Fast-Settling, High Output Current Operational Amplifier

MAX408 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX408 Datasheet PDF - Maxim Integrated Products

Part # MAX408
Download  MAX408 Click to download

File Size   146.61 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad High-Speed, Fast-Settling, High Output Current Operational Amplifier

MAX408 Datasheet (HTML) - Maxim Integrated Products


MAX408 Product details

General Description

The MAX408/428/448 are high speed general purpose monolithic operational amplifiers in a single, dual or quad package, that are useful for signal frequencies extending into the video range. These Op Amps func tion in gain configurations greater-than or equal-to 3. High output current allows large capacitive loads to be driven at high speeds.



Features

♦ Fast Settling Time: ±0.1% In 150ns

♦ High Slew Rate: 90V/µs

♦ Large Gain Bandwidth: 100MHz

♦ Full Power Bandwidth: 4.8MHz at 6V p-p

♦ Ease of Use: Internally Compensated for ACL ≥ 3 with 50°–60° Phase Margin

♦ Low Supply Voltage Operation: ±4V

♦ Wide Input Voltage Range: Within 1.5V of V+ and 0.5V of V-

♦ Minimal Crosstalk: >90dB Separation (MAX428/448)

♦ Short Circuit Protection



Applications

  Video Amplifiers

  Test Equipment

  Waveform Generators

  Video Distribution

  Pulse Amplifiers



 




Similar Part No. - MAX408

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080 Datasheet
410Kb / 15P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080 MAXIM-MAX4080 Datasheet
398Kb / 16P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080 Datasheet
320Kb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
MAX4080 MAXIM-MAX4080 Datasheet
330Kb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
MAX4080 MAXIM-MAX4080 Datasheet
106Kb / 5P
Real-Time Current Monitoring
Rev 0; 12/07
More results


Similar Description - MAX408

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
High Speed, High Output Current, Dual Operational Amplifier
logo
Analog Devices
OP-42 AD-OP-42 Datasheet
596Kb / 14P
HIGH SPEED, FAST SETTLING PRECISION OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
High Output Current High Speed Dual Operational Amplifier
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LH4105 NSC-LH4105 Datasheet
214Kb / 6P
PRECISION FAST SETTLING HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Analog Devices
OP42AJ AD-OP42AJ Datasheet
601Kb / 14P
High Speed Fast Settling Precision Operational Amplifier
OP42GSZ AD-OP42GSZ Datasheet
601Kb / 14P
High Speed Fast Settling Precision Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
High Speed, High Output Current, Dual Operational Amplifier
logo
Analog Devices
OP42 AD-OP42_15 Datasheet
604Kb / 14P
High Speed Fast Settling Precision Operational Amplifier
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com