Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4130 Datasheet (PDF) - Maxim Integrated Products

MAX4130 Datasheet PDF - Maxim Integrated Products
Part # MAX4130
Download  MAX4130 Download
File Size   194.77 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps

MAX4130 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4130 Datasheet PDF - Maxim Integrated Products

Part # MAX4130
Download  MAX4130 Click to download

File Size   194.77 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps

MAX4130 Datasheet (HTML) - Maxim Integrated Products


MAX4130 Product details

General Description
The MAX4130–MAX4134 family of operational amplifiers combines 10MHz gain-bandwidth product and excellent DC accuracy with rail-to-rail operation at the inputs and outputs. These devices require only 900µA per amplifier, and operate from either a single supply (+2.7V to +6.5V) or dual supplies (±1.35V to ±3.25V) with a common mode voltage range that extends 250mV beyond VEE and VCC. They are capable of driving 250Ω loads and are unity-gain stable. In addition, the MAX4131/MAX4133 feature a shutdown mode in which the outputs are placed in a high-impedance state and the supply current is reduced to only 25µA per amplifier.
With their rail-to-rail input common-mode range and output swing, the MAX4130–MAX4134 are ideal for low voltage, single-supply operation. Although the minimum operating voltage is specified at 2.7V, the devices typically operate down to 1.8V. In addition, low offset voltage and high speed make them the ideal signal conditioning stages for precision, low-voltage data acquisition systems. The MAX4130 is offered in the space-saving 5-pin SOT23 package. The MAX4131 is offered in the ultra-small 6-bump, 1mm x 1.5mm chip scale package (UCSP™).

Features
♦ 6-Bump UCSP (MAX4131)
♦ +2.7V to +6.5V Single-Supply Operation
♦ Rail-to-Rail Input Common-Mode Voltage Range
♦ Rail-to-Rail Output Voltage Swing
♦ 10MHz Gain-Bandwidth Product
♦ 900µA Quiescent Current per Amplifier
♦ 25µA Shutdown Function (MAX4131/MAX4133)
♦ 200µV Offset Voltage
♦ No Phase Reversal for Overdriven Inputs
♦ Drive 250Ω Loads
♦ Stable with 160pF Capacitive Loads
♦ Unity-Gain Stable

Applications
   Battery-Powered Instruments
   Portable Equipment
   Data-Acquisition Systems
   Signal Conditioning
   Low-Power, Low-Voltage Applications




Similar Part No. - MAX4130

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4130EUK-T MAXIM-MAX4130EUK-T Datasheet
256Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
MAX4130 MAXIM-MAX4130_V01 Datasheet
256Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
More results


Similar Description - MAX4130

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4040 MAXIM-MAX4040 Datasheet
199Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
19-1377; Rev 0; 5/98
MAX4122 MAXIM-MAX4122 Datasheet
285Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
19-1087; Rev 1; 8/97
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4322 MAXIM-MAX4322 Datasheet
226Kb / 12P
Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX4124EUK-T MAXIM-MAX4124EUK-T Datasheet
287Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
Rev 1; 8/97
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
MAX4130 MAXIM-MAX4130_V01 Datasheet
256Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com