Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4265 Datasheet (PDF) - Maxim Integrated Products

MAX4265 Datasheet PDF - Maxim Integrated Products
Part # MAX4265
Download  MAX4265 Download
File Size   361.04 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable

MAX4265 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4265 Datasheet PDF - Maxim Integrated Products

Part # MAX4265
Download  MAX4265 Click to download

File Size   361.04 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable

MAX4265 Datasheet (HTML) - Maxim Integrated Products


MAX4265 Product details

General Description
The MAX4265–MAX4270 ultra-low distortion, voltage-feed back op amps are capable of driving a 100Ω load while maintaining ultra-low distortion over a wide bandwidth.
They offer superior spurious-free dynamic range (SFDR) performance: -90dBc at 5MHz and -59dBc at 100MHz (MAX4269). Additionally, input voltage noise density is 8nV/√Hz while operating from a single +4.5V to +8.0V supply or from dual ±2.25V to ±4.0V supplies. These features make the MAX4265–MAX4270 ideal for use in high-performance communications and signal-processing applications that require low distortion and wide bandwidth. The MAX4265 single and MAX4268 dual amplifiers are unity-gain stable. The MAX4266 single and MAX4269 dual amplifiers are compensated for a minimum stable gain of +2V/V, while the MAX4267 single and MAX4270 dual amplifiers are compensated for a minimum stable gain of +5V/V.
For additional power savings, these amplifiers feature a low-power disable mode that reduces supply current and places the outputs in a high-impedance state. The MAX4265/MAX4266/MAX4267 are available in a space saving 8-pin µMAX® package, and the MAX4268/MAX4269/MAX4270 are available in a 16-pin QSOP package.

Features
♦ Operates from +4.5V to +8.0V
♦ Superior SFDR with 100Ω Load
   -90dBc (fC = 5MHz)
   -59dBc (fC = 100MHz)
♦ 35dBm IP3 (fC = 20MHz)
♦ 8nV/√Hz Voltage Noise Density
♦ 100MHz 0.1dB Gain Flatness (MAX4268)
♦ 900V/µs Slew Rate
♦ ±45mA Output Driving Capability
♦ Disable Mode Places Outputs in High-Impedance State

Applications
   Base-Station Amplifiers
   IF Amplifiers
   High-Frequency ADC Drivers
   High-Speed DAC Buffers
   RF Telecom Applications
   High-Frequency Signal Processing




Similar Part No. - MAX4265

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX420 MAXIM-MAX420 Datasheet
438Kb / 12P
짹15 Volt Chopper Stabilized Operational Amplifier
Rev 1; 2/94
MAX420-MAX423 MAXIM-MAX420-MAX423 Datasheet
438Kb / 12P
짹15 Volt Chopper Stabilized Operational Amplifier
Rev 1; 2/94
MAX4200 MAXIM-MAX4200 Datasheet
176Kb / 12P
Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
Rev 2; 4/99
MAX4200 MAXIM-MAX4200 Datasheet
34Kb / 4P
780MHz -3dB Bandwidth, 280MHz 0.1dB Gain Flatness, Excellent Capacitive-Load-Driving Capability
Rev 0; 3/98
MAX4200-MAX4205 MAXIM-MAX4200-MAX4205 Datasheet
176Kb / 12P
Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
Rev 2; 4/99
More results


Similar Description - MAX4265

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4108 MAXIM-MAX4108 Datasheet
177Kb / 12P
400MHz, Ultra-Low-Distortion Op Amps
19-0461; Rev 2; 4/97
MAX4430 MAXIM-MAX4430 Datasheet
748Kb / 12P
Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 7/00
MAX4435 MAXIM-MAX4435 Datasheet
514Kb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4434 MAXIM-MAX4434 Datasheet
506Kb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4212 MAXIM-MAX4212 Datasheet
345Kb / 16P
Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Rev 3; 10/03
MAX4434 MAXIM-MAX4434_08 Datasheet
379Kb / 14P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 1; 12/08
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4434 MAXIM-MAX4434_V01 Datasheet
2Mb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
2015
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com