Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4108 Datasheet (PDF) - Maxim Integrated Products

MAX4108 Datasheet PDF - Maxim Integrated Products
Part # MAX4108
Download  MAX4108 Download
File Size   177.85 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 400MHz, Ultra-Low-Distortion Op Amps

MAX4108 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4108 Datasheet PDF - Maxim Integrated Products

Part # MAX4108
Download  MAX4108 Click to download

File Size   177.85 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 400MHz, Ultra-Low-Distortion Op Amps

MAX4108 Datasheet (HTML) - Maxim Integrated Products


MAX4108 Product details

General Description
The MAX4108/MAX4109/MAX4308/MAX4309 op amps combine ultra-high-speed performance with ultra-low-distortion operation. The MAX4108 is compensated for unity-gain stability; the MAX4109, MAX4308, and MAX4309 are compensated for minimum closed-loop gains (AVCL) of 2V/V, 5V/V, and 10V/V, respectively.

Features
♦ High Speed:
    400MHz Unity-Gain Bandwidth (MAX4108)
    225MHz -3dB Bandwidth (AVCL = +2, MAX4109)
    220MHz -3dB Bandwidth (AVCL = +5, MAX4308)
    200MHz -3dB Bandwidth (AVCL = +10, MAX4309)
♦ 1200V/µs Slew Rate
♦ Excellent Spurious-Free Dynamic Range:
    -93dBc at fC = 5MHz (MAX4108)
    -90dBc at fC = 5MHz (MAX4109)
♦ 100MHz 0.1dB Gain Flatness (MAX4108)
♦ High Full-Power Bandwidth: 300MHz
    (MAX4108, VO = 2Vp-p)
♦ High Output Drive: 90mA
♦ Output Short-Circuit Protected
♦ Low Differential Gain/Phase: 0.004%/0.008°

Applications
    High-Speed ADC/DAC Preamp
    RGB and Composite Video
    High-Performance Receivers
    Pulse/RF Amplifier
    Active Filters
    Ultrasound
    Broadcast and High-Definition TV




Similar Part No. - MAX4108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
MAX410 MAXIM-MAX410 Datasheet
325Kb / 16P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100-MAX4101 MAXIM-MAX4100-MAX4101 Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100ESA MAXIM-MAX4100ESA Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
More results


Similar Description - MAX4108

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
Ultra Low Distortion, Wideband Op Amp
logo
Linear Technology
LT1115 LINER-LT1115 Datasheet
932Kb / 12P
Ultra-Low Noise, Low Distortion, Audio Op Amp
logo
Maxim Integrated Produc...
MAX4265 MAXIM-MAX4265 Datasheet
361Kb / 16P
Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
19-1552; Rev 0; 10/99
MAX4430 MAXIM-MAX4430 Datasheet
748Kb / 12P
Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 7/00
MAX4106 MAXIM-MAX4106 Datasheet
128Kb / 12P
350MHz, Ultra-Low-Noise Op Amps
Rev 1; 11/95
MAX4105 MAXIM-MAX4105 Datasheet
132Kb / 12P
740MHz, Low-Noise, Low-Distortion Op Amps in SOT23-5
Rev 3; 10/98
MAX4435 MAXIM-MAX4435 Datasheet
514Kb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4434 MAXIM-MAX4434 Datasheet
506Kb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4434 MAXIM-MAX4434_08 Datasheet
379Kb / 14P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 1; 12/08
MAX4434 MAXIM-MAX4434_V01 Datasheet
2Mb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com