Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4106 Datasheet (PDF) - Maxim Integrated Products

MAX4106 Datasheet PDF - Maxim Integrated Products
Part # MAX4106
Download  MAX4106 Download
File Size   128.92 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 350MHz, Ultra-Low-Noise Op Amps

MAX4106 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4106 Datasheet PDF - Maxim Integrated Products

Part # MAX4106
Download  MAX4106 Click to download

File Size   128.92 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 350MHz, Ultra-Low-Noise Op Amps

MAX4106 Datasheet (HTML) - Maxim Integrated Products


MAX4106 Product details

General Description
The MAX4106/MAX4107 op amps combine high-speed performance with ultra-low-noise performance. The MAX4106 is compensated for closed-loop gains of 5V/V, while the MAX4107 is stable in closed-loop gains of 10V/V or greater.

Features
♦ 350MHz -3dB Bandwidth (MAX4106)
♦ 275V/µs Slew Rate (MAX4106) 500V/µs Slew Rate (MAX4107)
♦ 18ns Settling Time to 0.01%
♦ 0.75nV/√Hz Voltage Noise
♦ High Output Drive: 80mA

Applications
    Ultra-Low-Noise ADC Preamp
    Ultrasound
    Low-Noise Preamplifier
    High-Performance Receivers
    Active Filters
    Pulse/RF Amplifier




Similar Part No. - MAX4106

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4106-MAX4107 MAXIM-MAX4106-MAX4107 Datasheet
128Kb / 12P
350MHz, Ultra-Low-Noise Op Amps
19-0442; Rev 1; 11/95
MAX4106ESA MAXIM-MAX4106ESA Datasheet
128Kb / 12P
350MHz, Ultra-Low-Noise Op Amps
19-0442; Rev 1; 11/95
More results


Similar Description - MAX4106

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1028 LINER-LT1028 Datasheet
439Kb / 20P
Ultra Low Noise Precision High Speed Op Amps
logo
Maxim Integrated Produc...
MAX4104 MAXIM-MAX4104 Datasheet
128Kb / 12P
350MHz, Ultra-Low-Noise Op Amps
19-0442; Rev 1; 11/95
MAX4108 MAXIM-MAX4108 Datasheet
177Kb / 12P
400MHz, Ultra-Low-Distortion Op Amps
19-0461; Rev 2; 4/97
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
MAX44251 MAXIM-MAX44251 Datasheet
2Mb / 15P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 0; 10/11
MAX44250 MAXIM-MAX44250 Datasheet
2Mb / 17P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
MAX44250 MAXIM-MAX44250_13 Datasheet
2Mb / 14P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44252ASD-T MAXIM-MAX44252ASD-T Datasheet
2Mb / 14P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
logo
3PEAK INC.
TP5551 3PEAK-TP5551 Datasheet
1Mb / 16P
Ultra Low Noise, 3.5MHz, Zero Drift, RRIO Op-amps
logo
Maxim Integrated Produc...
MAX44250 MAXIM-MAX44250_V01 Datasheet
1Mb / 14P
20V, Ultra-Precision, Low-Noise Op Amps
2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com