Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4104 Datasheet (PDF) - Maxim Integrated Products

MAX4104 Datasheet PDF - Maxim Integrated Products
Part # MAX4104
Download  MAX4104 Download
File Size   128.92 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 350MHz, Ultra-Low-Noise Op Amps

MAX4104 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4104 Datasheet PDF - Maxim Integrated Products

Part # MAX4104
Download  MAX4104 Click to download

File Size   128.92 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 350MHz, Ultra-Low-Noise Op Amps

MAX4104 Datasheet (HTML) - Maxim Integrated Products


MAX4104 Product details

General Description
The MAX4104/MAX4105/MAX4304/MAX4305 op amps feature ultra-high speed, low noise, and low distortion in a SOT23 package. The unity-gain-stable MAX4104 requires only 20mA of supply current while delivering 625MHz bandwidth and 400V/µs slew rate. The MAX4304, compensated for gains of +2V/V or greater, delivers a 730MHz bandwidth and a 1000V/µs slew rate. The MAX4105 is compensated for a minimum gain of +5V/V and delivers a 410MHz bandwidth and a 1400V/sec slew rate. The MAX4305 has +10V/V mini mum gain compensation and delivers a 340MHz band width and a 1400V/µs slew rate.
Low voltage noise density of 2.1nV/√Hz and -88dBc spurious-free dynamic range make these devices ideal for low-noise/low-distortion video and telecommunications applications. These op amps also feature a wide output voltage swing of ±3.7V and ±70mA output current drive capability. For space-critical applications, they are available in a miniature 5-pin SOT23 package.

Features
♦ Low 2.1nV/√Hz Voltage Noise Density
♦ Ultra-High 740MHz -3dB Bandwidth (MAX4304, AVCL = 2V/V)
♦ 100MHz 0.1dB Gain Flatness (MAX4104/4105)
♦ 1400V/µs Slew Rate (MAX4105/4305)
♦ -88dBc SFDR (5MHz, RL = 100Ω) (MAX4104/4304)
♦ High Output Current Drive: ±70mA
♦ Low Differential Gain/Phase Error: 0.01%/0.01° (MAX4104/4304)
♦ Low ±1mV Input Offset Voltage
♦ Available in Space-Saving 5-Pin SOT23 Package

Applications
   Video ADC Preamp
   Pulse/RF Telecom Applications
   Video Buffers and Cable Drivers
   Ultrasound
   Active Filters
   ADC Input Buffers




Similar Part No. - MAX4104

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4104 MAXIM-MAX4104 Datasheet
132Kb / 12P
740MHz, Low-Noise, Low-Distortion Op Amps in SOT23-5
Rev 3; 10/98
MAX4104ESA MAXIM-MAX4104ESA Datasheet
132Kb / 12P
740MHz, Low-Noise, Low-Distortion Op Amps in SOT23-5
Rev 3; 10/98
MAX4104EUK-T MAXIM-MAX4104EUK-T Datasheet
132Kb / 12P
740MHz, Low-Noise, Low-Distortion Op Amps in SOT23-5
Rev 3; 10/98
MAX4104EVKIT MAXIM-MAX4104EVKIT Datasheet
55Kb / 4P
Fully Assembled and Tested Surface-Mount Board
Rev 3; 10/98
More results


Similar Description - MAX4104

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1028 LINER-LT1028 Datasheet
439Kb / 20P
Ultra Low Noise Precision High Speed Op Amps
logo
Maxim Integrated Produc...
MAX4108 MAXIM-MAX4108 Datasheet
177Kb / 12P
400MHz, Ultra-Low-Distortion Op Amps
19-0461; Rev 2; 4/97
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
MAX4106 MAXIM-MAX4106 Datasheet
128Kb / 12P
350MHz, Ultra-Low-Noise Op Amps
Rev 1; 11/95
MAX44251 MAXIM-MAX44251 Datasheet
2Mb / 15P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 0; 10/11
MAX44250 MAXIM-MAX44250 Datasheet
2Mb / 17P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
MAX44250 MAXIM-MAX44250_13 Datasheet
2Mb / 14P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44252ASD-T MAXIM-MAX44252ASD-T Datasheet
2Mb / 14P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
logo
3PEAK INC.
TP5551 3PEAK-TP5551 Datasheet
1Mb / 16P
Ultra Low Noise, 3.5MHz, Zero Drift, RRIO Op-amps
logo
Maxim Integrated Produc...
MAX44250 MAXIM-MAX44250_V01 Datasheet
1Mb / 14P
20V, Ultra-Precision, Low-Noise Op Amps
2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com