Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-41 Datasheet (PDF) - Integrated Device Technology

ICS650-41 Datasheet PDF - Integrated Device Technology
Part # ICS650-41
Download  ICS650-41 Download
File Size   228.59 Kbytes
Page   11 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Packaged in 16-pin TSSOP

ICS650-41 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS650-41 Datasheet PDF - Integrated Device Technology

Part # ICS650-41
Download  ICS650-41 Click to download

File Size   228.59 Kbytes
Page   11 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Packaged in 16-pin TSSOP

ICS650-41 Datasheet (HTML) - Integrated Device Technology


ICS650-41 Product details

Description
The ICS650-41 is a spread spectrum clock synthesizer intended for video projector applications. It generates an EMI optimized 50 MHz clock signal (EMI peak reduction of 7 to 14 dB on 3rd through 19th harmonics) through the use of Spread Spectrum techniques from a 25 MHz crystal or clock input. For the 50 MHz output, the modulation rate is 50 kHz.
In addition to the EMI optimized clock signal, the device generates a 48 MHz clock for USB.

Features
• Packaged in 16-pin TSSOP (173 mil)
• Supply voltages: VDD = 3.3 V, VDDO = 2.5 V
• Peak-to-peak jitter: ±125 ps typ
• Output duty cycle 45/55% (worst case)
• Guarantees +85°C operational condition
• 25 MHz crystal or reference clock input
• Zero (0) ppm frequency error on all output clocks
• Advanced, low-power CMOS process
• Industrial temperature range




Similar Part No. - ICS650-41

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
Spread Spectrum Clock Synthesizer
Revision 082305
logo
Renesas Technology Corp
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
More results


Similar Description - ICS650-41

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK3722 IDT-MK3722 Datasheet
184Kb / 7P
VCXO PLUS AUDIO CLOCK FOR STB Packaged in 16-pin TSSOP
ICS180-01 IDT-ICS180-01 Datasheet
154Kb / 9P
Packaged in 8-pin SOIC
ICS180-51 IDT-ICS180-51 Datasheet
146Kb / 7P
Packaged in 8-pin SOIC
ICS181-52 IDT-ICS181-52 Datasheet
147Kb / 7P
Packaged in 8-pin SOIC
ICS650-44 IDT-ICS650-44 Datasheet
227Kb / 11P
Packaged in 16-pin TSSOP
IDT5V41068A IDT-IDT5V41068A Datasheet
185Kb / 13P
16-pin TSSOP package
ICS571 IDT-ICS571 Datasheet
185Kb / 7P
Packaged in 8-pin SOIC
ICS670-01 IDT-ICS670-01 Datasheet
103Kb / 7P
Packaged in 16-pin SOIC
ICS670-02 IDT-ICS670-02 Datasheet
200Kb / 7P
Packaged in 16-pin SOIC
ICS670-03 IDT-ICS670-03 Datasheet
202Kb / 7P
Packaged in 16-pin SOIC
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com