Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS571 Datasheet (PDF) - Integrated Device Technology

ICS571 Datasheet PDF - Integrated Device Technology
Part # ICS571
Download  ICS571 Download
File Size   185.17 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Packaged in 8-pin SOIC

ICS571 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS571 Datasheet PDF - Integrated Device Technology

Part # ICS571
Download  ICS571 Click to download

File Size   185.17 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Packaged in 8-pin SOIC

ICS571 Datasheet (HTML) - Integrated Device Technology


ICS571 Product details

Description
The ICS571 is a high speed, high output drive, low phase noise Zero Delay Buffer (ZDB) which integrates IDT’s proprietary analog/digital Phase Locked Loop (PLL) techniques. IDT introduced the world standard for these devices in 1992 with the debut of the AV9170, and updated that with the ICS570. The ICS571, part of IDT’s ClockBlocks™ family, was designed to operate at higher frequencies, with faster rise and fall times, and with lower phase noise. The zero delay feature means that the rising edge of the input clock aligns with the rising edges of both outputs, giving the appearance of no delay through the device. There are two outputs on the chip, one being a low-skew divide by two of the other.

Features
• Packaged in 8-pin SOIC (Pb free)
• Can function as low phase noise x2 multiplier
• Low skew outputs. One is ÷2 of other
• Input clock frequency up to 160 MHz at 3.3 V
• Phase noise of better than -100 dBc/Hz from 1 kHz to 1 MHz offset from carrier
• Can recover poor input clock duty cycle
• Output clock duty cycle of 45/55 at 3.3 V
• High drive strength for >100 MHz outputs
• Full CMOS clock swings with 25 mA drive capability at TTL levels
• Advanced, low power CMOS process
• Operating voltages of 3.0 to 5.5 V




Similar Part No. - ICS571

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS571 ICST-ICS571 Datasheet
61Kb / 4P
Low Phase Noise Zero Delay Buffer
Revision 072899
ICS571M ICST-ICS571M Datasheet
61Kb / 4P
Low Phase Noise Zero Delay Buffer
Revision 072899
logo
Integrated Device Techn...
ICS571MLF IDT-ICS571MLF Datasheet
185Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS571MT ICST-ICS571MT Datasheet
61Kb / 4P
Low Phase Noise Zero Delay Buffer
Revision 072899
More results


Similar Description - ICS571

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
8SOIC SMSC-8SOIC Datasheet
295Kb / 1P
8 PIN SOIC PACKAGE OUTLINE
logo
Clare, Inc.
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
8-Pin Dual SOIC OptoMOS짰 Relay
logo
Integrated Device Techn...
ICS180-01 IDT-ICS180-01 Datasheet
154Kb / 9P
Packaged in 8-pin SOIC
ICS180-51 IDT-ICS180-51 Datasheet
146Kb / 7P
Packaged in 8-pin SOIC
ICS181-52 IDT-ICS181-52 Datasheet
147Kb / 7P
Packaged in 8-pin SOIC
ICS570 IDT-ICS570 Datasheet
256Kb / 11P
8-pin SOIC package
ICS670-01 IDT-ICS670-01 Datasheet
103Kb / 7P
Packaged in 16-pin SOIC
ICS670-02 IDT-ICS670-02 Datasheet
200Kb / 7P
Packaged in 16-pin SOIC
ICS670-03 IDT-ICS670-03 Datasheet
202Kb / 7P
Packaged in 16-pin SOIC
logo
List of Unclassifed Man...
ICS502MILFT ETC2-ICS502MILFT Datasheet
182Kb / 7P
Packaged as 8-pin SOIC or die
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com