Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS571 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS571
Description  Packaged in 8-pin SOIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS571 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS571 Datasheet HTML 1Page - Integrated Device Technology ICS571 Datasheet HTML 2Page - Integrated Device Technology ICS571 Datasheet HTML 3Page - Integrated Device Technology ICS571 Datasheet HTML 4Page - Integrated Device Technology ICS571 Datasheet HTML 5Page - Integrated Device Technology ICS571 Datasheet HTML 6Page - Integrated Device Technology ICS571 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
LOW PHASE NOISE ZERO DELAY BUFFER
ICS571
IDT™ / ICS™ LOW PHASE NOISE ZERO DELAY BUFFER
1
ICS571
REV H 051310
Description
The ICS571 is a high speed, high output drive, low phase
noise Zero Delay Buffer (ZDB) which integrates IDT’s
proprietary analog/digital Phase Locked Loop (PLL)
techniques. IDT introduced the world standard for these
devices in 1992 with the debut of the AV9170, and updated
that with the ICS570. The ICS571, part of IDT’s
ClockBlocks™ family, was designed to operate at higher
frequencies, with faster rise and fall times, and with lower
phase noise. The zero delay feature means that the rising
edge of the input clock aligns with the rising edges of both
outputs, giving the appearance of no delay through the
device. There are two outputs on the chip, one being a
low-skew divide by two of the other.
The chip is ideal for synchronizing outputs in a large variety
of systems, from personal computers to data
communications to video. By allowing offchip feedback
paths, the ICS571 can eliminate the delay through other
devices. The use of dividers in the feedback path will enable
the part to multiply by more than two.
Features
• Packaged in 8-pin SOIC (Pb free)
• Can function as low phase noise x2 multiplier
• Low skew outputs. One is ÷2 of other
• Input clock frequency up to 160 MHz at 3.3 V
• Phase noise of better than -100 dBc/Hz from 1 kHz to 1
MHz offset from carrier
• Can recover poor input clock duty cycle
• Output clock duty cycle of 45/55 at 3.3 V
• High drive strength for >100 MHz outputs
• Full CMOS clock swings with 25 mA drive capability at
TTL levels
• Advanced, low power CMOS process
• Operating voltages of 3.0 to 5.5 V
Block Diagram


Similar Part No. - ICS571

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS571 ICST-ICS571 Datasheet
61Kb / 4P
Low Phase Noise Zero Delay Buffer
Revision 072899
ICS571M ICST-ICS571M Datasheet
61Kb / 4P
Low Phase Noise Zero Delay Buffer
Revision 072899
logo
Integrated Device Techn...
ICS571MLF IDT-ICS571MLF Datasheet
185Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS571MT ICST-ICS571MT Datasheet
61Kb / 4P
Low Phase Noise Zero Delay Buffer
Revision 072899
More results

Similar Description - ICS571

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
8SOIC SMSC-8SOIC Datasheet
295Kb / 1P
8 PIN SOIC PACKAGE OUTLINE
logo
Clare, Inc.
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
8-Pin Dual SOIC OptoMOS짰 Relay
logo
Integrated Device Techn...
ICS180-01 IDT-ICS180-01 Datasheet
154Kb / 9P
Packaged in 8-pin SOIC
ICS180-51 IDT-ICS180-51 Datasheet
146Kb / 7P
Packaged in 8-pin SOIC
ICS181-52 IDT-ICS181-52 Datasheet
147Kb / 7P
Packaged in 8-pin SOIC
ICS570 IDT-ICS570 Datasheet
256Kb / 11P
8-pin SOIC package
ICS670-01 IDT-ICS670-01 Datasheet
103Kb / 7P
Packaged in 16-pin SOIC
ICS670-02 IDT-ICS670-02 Datasheet
200Kb / 7P
Packaged in 16-pin SOIC
ICS670-03 IDT-ICS670-03 Datasheet
202Kb / 7P
Packaged in 16-pin SOIC
logo
List of Unclassifed Man...
ICS502MILFT ETC2-ICS502MILFT Datasheet
182Kb / 7P
Packaged as 8-pin SOIC or die
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com