Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4315 Datasheet (PDF) - Maxim Integrated Products

MAX4315 Datasheet PDF - Maxim Integrated Products
Part # MAX4315
Download  MAX4315 Download
File Size   404.35 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers

MAX4315 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4315 Datasheet PDF - Maxim Integrated Products

Part # MAX4315
Download  MAX4315 Click to download

File Size   404.35 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers

MAX4315 Datasheet (HTML) - Maxim Integrated Products


MAX4315 Product details

General Description

The MAX4310–MAX4315 single-supply mux-amps combine high-speed operation, low-glitch switching, and

excellent video specifications. The six products in this family are differentiated by the number of multiplexer

inputs and the gain configuration.



Features

♦Single-Supply Operation Down to +4V

♦345MHz -3dB Bandwidth (MAX4311)

 150MHz -3dB Bandwidth (MAX4313)

♦540V/µs Slew Rate (MAX4313)

♦Low 6.1mA Quiescent Supply Current

♦40ns Channel Switching Time

♦Ultra-Low 10mVp-p Switching Transient

♦0.06%/0.08° Differential Gain/Phase Error

♦Rail-to-Rail Outputs: Drives 150Ωto within 730mV of the Rails

♦Input Common-Mode Range Includes Negative Rail

♦Low-Power Shutdown Mode

♦Available in Space-Saving 8-Pin µMAX and 16-Pin QSOP Packages



Applications

Video Signal Multiplexing

Video Crosspoint Switching

Flash ADC Input Buffers

75ΩVideo Cable Drivers

High-Speed Signal Processing

Broadcast Video

Medical Imaging

Multimedia Products




Similar Part No. - MAX4315

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4310 MAXIM-MAX4310 Datasheet
112Kb / 4P
Single-Supply Operation
Rev 1; 4/99
MAX4310ESA MAXIM-MAX4310ESA Datasheet
305Kb / 18P
High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers
Rev 3; 3/08
MAX4313 MAXIM-MAX4313 Datasheet
112Kb / 4P
Single-Supply Operation
Rev 1; 4/99
MAX4313EVKIT MAXIM-MAX4313EVKIT Datasheet
112Kb / 4P
Single-Supply Operation
Rev 1; 4/99
More results


Similar Description - MAX4315

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Texas Instruments
INA331 TI-INA331 Datasheet
294Kb / 15P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
logo
National Semiconductor ...
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
4:1 High Speed Video Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
logo
Maxim Integrated Produc...
MAX4310ESA MAXIM-MAX4310ESA Datasheet
305Kb / 18P
High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers
Rev 3; 3/08
logo
Texas Instruments
ADS52J90 TI1-ADS52J90 Datasheet
4Mb / 149P
Multichannel, Low-Power, High-Speed ADC
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com