Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT600 Datasheet (PDF) - Future Technology Devices International Ltd.

FT600 Datasheet PDF - Future Technology Devices International Ltd.
Part # FT600
Download  FT600 Download
File Size   1342.85 Kbytes
Page   29 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features

FT600 Datasheet (PDF)

Go To PDF Page Download Datasheet
FT600 Datasheet PDF - Future Technology Devices International Ltd.

Part # FT600
Download  FT600 Click to download

File Size   1342.85 Kbytes
Page   29 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features

FT600 Datasheet (HTML) - Future Technology Devices International Ltd.


FT600 Product details

USB 3.0 to FIFO Bridge

The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features:

• Supports USB 3.0 Super Speed (5Gbps)/USB
   2.0 High Speed (480Mbps)/USB 2.0 Full
   Speed (12Mbps) transfer.
• Supported USB Transfer Type:
   Control/Bulk/Interrupt
• Up to 8 configurable endpoints (PIPEs).
• Supports 2 parallel slave FIFO bus protocols
   245 and FIFO mode, FT601 with 32 bit
   parallel interface has a data bursting rate up
   to 400MB/s.
• Supports 4 IN channels and 4 OUT channels
   on FIFO bus connectivity.
• Built-in 16kB FIFO data buffer RAM.
• Supports Remote Wakeup capability.
• Supports multi voltage I/O: 1.8V, 2.5V and 3.3V.
• Configurable GPIO support.
• Internal LDO 1.0V regulator.
• Integrated power-on-reset circuit.
• User programmable USB descriptors.
• Supports Battery Charging spec. BC1.2.
• Available as FT600-16bit/FT601-32bit FIFO interface.
• Industrial operating temperature range: -40 to 85⁰C.
• Available in compact Pb-free QFN-76(32bit) and QFN-
   56(16bit) packages (both RoHS compliant).

Typical Applications
• Upgrading Legacy Peripherals to USB
• Utilising USB to add system modularity
• Interfacing PLD/FPGA based designs to USB 3.0
• USB 3.0 data acquisition
• USB 3.0 Digital Video Camera Interface
• USB 3.0 Digital Camera
• USB 3.0 Interface for Printer/Scanner
• Medical/Industrial imaging devices
• USB 3.0 Instrumentation




Similar Part No. - FT600

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FT600 MACOM-FT600 Datasheet
132Kb / 2P
New surface-mount fuse products for overcurrent protection of communications equipment
FT600-0500 MACOM-FT600-0500 Datasheet
132Kb / 2P
New surface-mount fuse products for overcurrent protection of communications equipment
FT600-0500 MACOM-FT600-0500 Datasheet
323Kb / 22P
PolySwitch Resettable Devices Telecommunications & Networking Devices
FT600-0500-2 MACOM-FT600-0500-2 Datasheet
132Kb / 2P
New surface-mount fuse products for overcurrent protection of communications equipment
FT600-1250 MACOM-FT600-1250 Datasheet
132Kb / 2P
New surface-mount fuse products for overcurrent protection of communications equipment
More results


Similar Description - FT600

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
The Stratix II family offers the following features
logo
Future Technology Devic...
FT221X FTDI-FT221X Datasheet
984Kb / 45P
The FT221X is a USB to FTDI?셲 proprietary FT1248 interface with the following advanced features
FT232BL_BQ FTDI-FT232BL_BQ Datasheet
1Mb / 34P
The FT232B is a USB to serial UART interface with the following advanced features
FT234XD FTDI-FT234XD Datasheet
695Kb / 37P
The FT234XD is a USB to serial UART interface with optimised packaging (3mm x 3mm 12 pin DFN) for smaller PCB designs and the following advanced features
FT240X FTDI-FT240X Datasheet
754Kb / 40P
The FT240X is a USB to parallel FIFO interface with the following advanced features
FT4222H FTDI-FT4222H Datasheet
1Mb / 49P
FT4222H is a USB2.0 to Quad-SPI/I2C interface Device Controller with the following advanced features
logo
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
The Split Operation has the following features:
logo
Future Technology Devic...
FT600Q-B-T FTDI-FT600Q-B-T Datasheet
1Mb / 33P
USB 3.0 to FIFO Bridge
FT602Q-T FTDI-FT602Q-T Datasheet
1Mb / 28P
FIFO to USB 3.0 UVC Bridge
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com