Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT600 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # FT600
Description  The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button FT600 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Copyright © 2015 Future Technology Devices International Limited
7
DS_FT600Q-FT601Q IC Datasheet/FT601 USB 3.0 to FIFO Bridge
Version 1.01
Document No.: FT_001118 Clearance No.: FTDI#424
DATA_25
Parallel FIFO bus data I/O bit 25.
I/O
70
N/A
DATA_26
Parallel FIFO bus data I/O bit 26.
I/O
71
N/A
DATA_27
Parallel FIFO bus data I/O bit 27.
I/O
72
N/A
DATA_28
Parallel FIFO bus data I/O bit 28.
I/O
73
N/A
DATA_29
Parallel FIFO bus data I/O bit 29.
I/O
74
N/A
DATA_30
Parallel FIFO bus data I/O bit 30.
I/O
75
N/A
DATA_31
Parallel FIFO bus data I/O bit 31.
I/O
76
N/A
BE_0
Parallel FIFO bus byte enable I/O bit 0.
I/O
4
2
BE_1
Parallel FIFO bus byte enable I/O bit 1.
I/O
5
3
BE_2
Parallel FIFO bus byte enable I/O bit 2.
I/O
6
N/A
BE_3
Parallel FIFO bus byte enable I/O bit 3.
I/O
7
N/A
TXE_N
245 Synchronous FIFO mode: Transmit FIFO Empty output
signal. The signal indicates there is a minimum of 1 byte
of space available to write to. Only write to the FIFO when
the signal is logic 0.
Multi-Channel FIFO mode: Status Valid output signal
(optional).
O
8
4
RXF_N
245 Synchronous FIFO mode: Receive FIFO Full output
signal. The signal indicates there is a minimum of 1 byte
of data available to read. Only read from the FIFO when
the signal is logic 0.
Multi-Channel FIFO mode: Data Receive Acknowledge
output signal.
O
9
5
SIWU_N
Reserved. Add external pull in normal operation.
I
10
6
WR_N
245 Synchronous FIFO mode: Write Enable input signal.
Multi-Channel FIFO mode: Data Transaction Request input
signal.
The signal is active low.
I
11
7
RD_N
245 Synchronous FIFO mode: Read Enable input signal.
The signal is active low.
I
12
8
OE_N
245 Synchronous FIFO mode: Data Output Enable input
signal.
The signal is active low.
O
13
9
RESET_N
Chip Reset input, Active low.
I
15
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com