Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT600 Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # FT600
Description  The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600 Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button FT600 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 11Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 12Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 13Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 14Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 15Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 16Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Copyright © 2015 Future Technology Devices International Limited
13
DS_FT600Q-FT601Q IC Datasheet/FT601 USB 3.0 to FIFO Bridge
Version 1.01
Document No.: FT_001118 Clearance No.: FTDI#424
NOTE: There is no turnaround phase for BE pins as these remain inputs when the FIFO is being written to
by the master.
The waveform below shows a master write transaction where the FIFO at channel 1 uses all data space
first, the RXF_N deasserts when the FIFO data space is not available after D3. There are turn-a-round
cycles for DATA[15:8] after the command phase and at the end of the data transaction. The BE[3:0]
shows that the transaction is all in word aligned, all 4 bytes in D3 are valid at the last word strobe in this
transaction.
Figure 4.4 Multi-Channel FIFO mode master write transaction 2
The waveform below shows a master read of channel 1 followed by a master write to channel 1.
The channel number is selected in the command phase (DATA[7:0] = h’01 for channel 1 in this case),
and data is transferred on the same data pins multiplexed to a different channel.
Figure 4.5 Multi-Channel FIFO mode master read followed by write transaction
4.3 245 Synchronous FIFO mode Protocols
This slave bus uses one IN and one OUT FIFO channel while in this mode.
CLK is the clock output to the bus master, it can be configured as 66Mhz or 100Mhz.
TXE_N is an output signal, Transmit FIFO Empty. It is active low and when active it indicates the
Transmit FIFO has space and it is ready to receive data from the FIFO master.
RXF_N is an output signal, Receive FIFO Full. It is active low and when active it indicates the Receive
FIFO has data and it is ready to be read by the FIFO master.
OE_N is an input signal, Output Enable. It is active low and when it is driven low by the bus master, the
slave will drive the data and byte enable buses.
WR_N is an input signal, Write Enable. It is active low and when it is driven low by the bus master, the
master has write cycle access.
RD_N is an input signal, Read Enable. It is active low and when it is driven low by the bus master, the
master has read cycle access.
BE[3:0](BE[1:0] for FT600) is byte enable signal. In bus master read operation, the FT60X asserts the
signal for the valid bytes in a word strobe. In bus master write operation, the bus master assets the
signal for the valid bytes in a word strobe. Normally, all 4 bytes should be valid in a bus transaction
except in the last word strobe when the data transaction length not aligned at word boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com