Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX459 Datasheet (PDF) - Maxim Integrated Products

MAX459 Datasheet PDF - Maxim Integrated Products
Part # MAX459
Download  MAX459 Download
File Size   135.4 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8x4 Video Crosspoint Switches with Buffers

MAX459 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX459 Datasheet PDF - Maxim Integrated Products

Part # MAX459
Download  MAX459 Click to download

File Size   135.4 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8x4 Video Crosspoint Switches with Buffers

MAX459 Datasheet (HTML) - Maxim Integrated Products


MAX459 Product details

General Description

The MAX458/MAX459 are crosspoint switches with eight input channels and four high-speed, buffered output channels. The MAX458 output buffer is configured with a gain of one, while the MAX459 buffer has a gain of two. In each device, any one of eight input lines can be connect

ed to any of four output amplifiers. The output buffers are capable of driving loads of 75Ω.



Features

♦100MHz Unity-Gain Bandwidth

♦300V/µs Slew Rate

♦Low 0.05° Differential Phase Error

♦Low 0.01% Differential Gain Error

♦Directly Drives 75ΩCables

♦Fast 60ns Switching Time

♦High-Z Amplifier Output Capability

♦Shutdown Capability

♦16-Bit Serial and 6-Bit Parallel Address Modes

♦40-Pin DIP and 44-Pin PLCC Packages




Similar Part No. - MAX459

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4590 MAXIM-MAX4590 Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4590CAE MAXIM-MAX4590CAE Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4590CAE MAXIM-MAX4590CAE Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4590CPE MAXIM-MAX4590CPE Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4590CPE MAXIM-MAX4590CPE Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
More results


Similar Description - MAX459

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4359 MAXIM-MAX4359 Datasheet
249Kb / 16P
Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
Rev 1; 12/99
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
logo
Maxim Integrated Produc...
MAX4355 MAXIM-MAX4355 Datasheet
730Kb / 40P
16x16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
MAX4357 MAXIM-MAX4357 Datasheet
792Kb / 42P
32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
logo
Analog Devices
AD8106 AD-AD8106_15 Datasheet
580Kb / 28P
Video Crosspoint Switches
REV. 0
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
Video Crosspoint Switches
5/16-Rev. 0 to Rev. A
AD8108 AD-AD8108_16 Datasheet
469Kb / 27P
8x8 Buffered Video Crosspoint Switches
5/2016-Rev. B to Rev. C
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
16x 8 Buffered Video Crosspoint Switches
logo
Maxim Integrated Produc...
MAX4359 MAXIM-MAX4359_V01 Datasheet
444Kb / 17P
Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
2007
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com