Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M212 Datasheet (PDF) - Solid State Optronic

M212 Datasheet PDF - Solid State Optronic
Part # M212_15
Download  M212 Download
File Size   296.8 Kbytes
Page   7 Pages
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic
Description High Input-to-Output Isolation (1.5kV MIN)

M212 Datasheet (PDF)

Go To PDF Page Download Datasheet
M212 Datasheet PDF - Solid State Optronic

Part # M212_15
Download  M212 Click to download

File Size   296.8 Kbytes
Page   7 Pages
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic
Description High Input-to-Output Isolation (1.5kV MIN)

M212 Datasheet (HTML) - Solid State Optronic




Similar Part No. - M212_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2120 UTC-M2120 Datasheet
388Kb / 6P
OPERATIONAL AMPLIFIER WITH SWITCH
logo
RAF ELECTRONIC HARDWARE
M2120-2545-AL RAF-M2120-2545-AL Datasheet
82Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2120-2545-SS RAF-M2120-2545-SS Datasheet
82Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2120-3005-AL RAF-M2120-3005-AL Datasheet
87Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2120-3005-S RAF-M2120-3005-S Datasheet
87Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
More results


Similar Description - M212_15

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-817C LITEON-LTV-817C Datasheet
600Kb / 15P
High input-output isolation voltage
logo
Solid State Optronic
AD6C841 SSOUSA-AD6C841 Datasheet
346Kb / 8P
High Input-to-Output Isolation (up to 5VRMS)
M201 SSOUSA-M201 Datasheet
293Kb / 7P
High Input-to-Output Isolation (1500V MIN)
M231 SSOUSA-M231 Datasheet
291Kb / 7P
High Input-to-Output Isolation (1500V MIN)
logo
AIMTEC
AM3HW-NZ AIMTEC-AM3HW-NZ Datasheet
154Kb / 3P
Input to Output Isolation of 1500VDC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
Input to Output Isolation of 1500VDC
logo
Solid State Optronic
SM6004 SSOUSA-SM6004 Datasheet
223Kb / 7P
High Input-to-Output Isolation
SM6006 SSOUSA-SM6006 Datasheet
223Kb / 7P
High Input-to-Output Isolation
SMA4131 SSOUSA-SMA4131 Datasheet
192Kb / 6P
High Input-to-Output Isolation
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
High Input-to-Output Isolation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com