Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4734 Datasheet (PDF) - Maxim Integrated Products

MAX4734 Datasheet PDF - Maxim Integrated Products
Part # MAX4734
Download  MAX4734 Download
File Size   328.87 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 0.8?? Low-Voltage, 4-Channel Analog Multiplexer

MAX4734 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4734 Datasheet PDF - Maxim Integrated Products

Part # MAX4734
Download  MAX4734 Click to download

File Size   328.87 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 0.8?? Low-Voltage, 4-Channel Analog Multiplexer

MAX4734 Datasheet (HTML) - Maxim Integrated Products


MAX4734 Product details

General Description
The MAX4734 is a low on-resistance, low-voltage, 4-channel CMOS analog multiplexer that operates from a single 1.6V to 3.6V supply. This device has fast switching speeds (tON = 25ns, tOFF = 20ns max), handles rail-to-rail analog signals, and consumes less than 4μW of quiescent power. The MAX4734 has break-before-make switching.

Features
● Low RON
    • 0.8Ω (max) (3V Supply)
    • 2Ω (max) (1.8V Supply)
● 0.1Ω (max) RON Flatness (3V Supply)
● 1.6V to 3.6V Single-Supply Operation
● Available in Thin QFN (3mm x 3mm) Package
● High-Current Handling Capacity (150mA Continuous)
● 1.8V CMOS-Logic Compatible (3V Supply)
● Fast Switching: tON = 25ns, tOFF = 20ns

Applications
● Power Routing
● Battery-Powered Systems
● Audio and Video Signal Routing
● Low-Voltage Data-Acquisition Systems
● Communications Circuits
● PCMCIA Cards
● Cellular Phones
● Modems
● Hard Drives




Similar Part No. - MAX4734

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MAX473-MAX475 MAXIM-MAX473-MAX475 Datasheet
144Kb / 12P
Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MAX4730 MAXIM-MAX4730 Datasheet
212Kb / 9P
Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
MAX4730ELT+T MAXIM-MAX4730ELT+T Datasheet
217Kb / 9P
Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
MAX4730ELT-T MAXIM-MAX4730ELT-T Datasheet
212Kb / 9P
Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
More results


Similar Description - MAX4734

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
logo
Maxim Integrated Produc...
MAX4634 MAXIM-MAX4634 Datasheet
231Kb / 11P
Fast, Low-Voltage, 4?? 4-Channel CMOS Analog Multiplexer
Rev 2; 5/03
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
List of Unclassifed Man...
AAM3104 ETC2-AAM3104 Datasheet
217Kb / 6P
ULTRA LOW POWER, 4-CHANNEL CMOS ANALOG MULTIPLEXER
logo
Maxim Integrated Produc...
MAX4634 MAXIM-MAX4634_09 Datasheet
123Kb / 10P
Fast, Low-Voltage, 4Ω, 4-Channel CMOS Analog Multiplexer
Rev 3; 2/09
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Maxim Integrated Produc...
MAX4634EUB-T MAXIM-MAX4634EUB-T Datasheet
123Kb / 10P
Fast, Low-Voltage, 4Ω, 4-Channel CMOS Analog Multiplexer
Rev 3; 2/09
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
SG Micro Corp
SGM84782 SGMICRO-SGM84782_15 Datasheet
335Kb / 11P
Low Voltage Analog Switch/Multiplexer
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com