Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX477ESA Datasheet (PDF) - Maxim Integrated Products

MAX477ESA Datasheet PDF - Maxim Integrated Products
Part # MAX477ESA
Download  MAX477ESA Download
File Size   178.01 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 300MHz High-Speed Op Amp

MAX477ESA Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX477ESA Datasheet PDF - Maxim Integrated Products

Part # MAX477ESA
Download  MAX477ESA Click to download

File Size   178.01 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 300MHz High-Speed Op Amp

MAX477ESA Datasheet (HTML) - Maxim Integrated Products


MAX477ESA Product details

General Description
The MAX477 is a ±5V wide-bandwidth, fast-settling, unity-gain-stable op amp featuring low noise, low differential gain and phase errors, high slew rate, high precision, and high output current. The MAX477’s architecture uses a standard voltage-feedback topology that can be configured into any desired gain setting, as with other general-purpose op amps.

Features
♦ High Speed
   300MHz -3dB Bandwidth (AV = +1)
   200MHz Full-Power Bandwidth (AV = +1,VO = 2Vp-p)
   1100V/µs Slew Rate
   130MHz 0.1dB Gain Flatness
♦ Drives 100pF Capacitive Loads Without Oscillation
♦ Low Differential Phase/Gain Error: 0.01°/0.01%
♦ 8mA Quiescent Current
♦ Low Input-Referred Voltage Noise: 5nV/√Hz
♦ Low Input-Referred Current Noise: 2pA/√Hz
♦ Low Input Offset Voltage: 0.5mV
♦ 8000V ESD Protection
♦ Voltage-Feedback Topology for Simple Design Configurations
♦ Short-Circuit Protected
♦ Available in Space-Saving SOT23 Package

Applications
   Broadcast and High-Definition TV Systems
   Video Switching and Routing
   Communications
   Medical Imaging
   Precision DAC/ADC Buffer




Similar Part No. - MAX477ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX4772ETT MAXIM-MAX4772ETT Datasheet
302Kb / 10P
200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX4772EUK MAXIM-MAX4772EUK Datasheet
302Kb / 10P
200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX4772EUT MAXIM-MAX4772EUT Datasheet
302Kb / 10P
200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX4773ETT MAXIM-MAX4773ETT Datasheet
302Kb / 10P
200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
More results


Similar Description - MAX477ESA

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
HIGH SPEED/VOLTAGE OP AMP
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
Differential, High Speed Op Amp
MNCLC501A-X NSC-MNCLC501A-X Datasheet
134Kb / 14P
HIGH-SPEED OUTPUT CLAMPING OP AMP
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
Differential, High Speed Op Amp
November 29, 2011
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
Differential, High Speed Op Amp
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
Differential, High-Speed Op Amp
logo
Analog Devices
ADA4860-1 AD-ADA4860-1_16 Datasheet
740Kb / 21P
High Speed, Low Cost, Op Amp
Rev. 0
logo
Anaren Microwave
MSK1461 ANAREN-MSK1461 Datasheet
183Kb / 6P
HIGH SPEED/VOLTAGE OP AMP
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com