Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX477ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX477ESA
Description  300MHz High-Speed Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX477ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX477ESA Datasheet HTML 1Page - Maxim Integrated Products MAX477ESA Datasheet HTML 2Page - Maxim Integrated Products MAX477ESA Datasheet HTML 3Page - Maxim Integrated Products MAX477ESA Datasheet HTML 4Page - Maxim Integrated Products MAX477ESA Datasheet HTML 5Page - Maxim Integrated Products MAX477ESA Datasheet HTML 6Page - Maxim Integrated Products MAX477ESA Datasheet HTML 7Page - Maxim Integrated Products MAX477ESA Datasheet HTML 8Page - Maxim Integrated Products MAX477ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Open-Loop Voltage Gain
300MHz High-Speed Op Amp
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VOUT = 0V, RL = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ..................................................12V
Differential Input Voltage..................(VCC + 0.3V) to (VEE - 0.3V)
Common-Mode Input Voltage..........(VCC + 0.3V) to (VEE - 0.3V)
Output Short-Circuit Duration to GND........................Continuous
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C)..............727mW
SO (derate 5.88mW/°C above +70°C) ..........................471mW
µMAX (derate 4.1mW/°C above +70°C) .......................330mW
CERDIP (derate 8.00mW/°C above +70°C) ..................640mW
SOT23 (derate 7.1mW/°C above +70°C) ......................571mW
Operating Temperature Ranges
MAX477E_A ......................................................-40°C to +85°C
MAX477EUK .....................................................-40°C to +85°C
MAX477MJA ...................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX477ESA/EPA/EUA/MJA
MAX477MJA, TA = TMIN to TMAX
MAX477E_ _, TA = TMIN to TMAX
TA = +25°C
VOUT = 0, f = DC
TA = TMIN to TMAX
TA = +25°C
Short to ground
Either input
TA = +25°C
TA = +25°C
CONDITIONS
mA
14
ISY
Quiescent Supply Current
12
mA
8
10
Ω
0.1
ROUT
Open-Loop Output Resistance
mA
150
ISC
Short-Circuit Output Current
V
±2.5
VOUT
Output Voltage Swing
±3.0
±3.5
±3.9
0.5
2.0
V
±2.5
VCM
Common-Mode Input Voltage
Range
±3.0
±3.5
M
Ω
1
RIN(DM)
Differential-Mode Input
Resistance
µV/°C
2
TCVOS
Input Offset-Voltage Drift
1
3
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = +25°C
0.2
1.0
TA = +25°C
dB
60
CMRR
Common-Mode Rejection Ratio
70
90
VS = ±4.5V to ±5.5V
dB
PSRR
Power-Supply Rejection Ratio
70
85
55
65
TA = -40 °C to +85 °C
mA
70
100
IOUT
Minimum Output Current
TA = TMIN to TMAX
MAX477EUK
0.5
2.0
mV
µA
5.0
TA = TMIN to TMAX
IB
Input Bias Current
Input Offset Current
IOS
TA = TMIN to TMAX
2.0
µA
VCM = ±3V
VCM = ±2.5V
RL = ∞
RL = 100Ω
RL = 50Ω
TA = TMIN to TMAX
MAX477ESA/EPA/EUA/MJA
Input Offset Voltage
VOS
MAX477EUK
5.0
3.0
TA = +25°C
TA = TMIN to
TMAX
VOUT = ±2.0V,
VCM = 0V, RL = 50Ω
dB
50
65
AVOL
Open-Loop Voltage Gain
MAX477EUK
MAX477E_A/477MJA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com